Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4621EF Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4621EF
Description  24-Bit 192kHz Stereo Audio CODEC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4621EF Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4621EF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 12Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 13Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 14Page - Asahi Kasei Microsystems AK4621EF Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
[AK4621]
MS1258-E-01
2011/01
- 11 -
ADC SHORT DELAY SHARP ROLL OFF FILTER CHARACTERISTICS (fs=48kHz)
(Ta=25
°C; AVDD=4.75 ∼ 5.25V; DVDD=3.0 ∼ 3.6V, TVDD=DVDD ∼ 5.25V; Normal Speed Mode; SDAD bit = “1”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 16) −0.01dB
−0.1dB
−3.0dB
−6.0dB
PB
0
-
-
-
-
22.1
23.8
24.4
21.7
-
-
-
kHz
kHz
kHz
kHz
Stopband
(Note 16)
SB
28.2
-
-
kHz
Passband Ripple
PR
-
-
±0.01
dB
Stopband Attenuation
SA
80
-
-
dB
Group Delay
(Note 17)
GD
-
14
-
1/fs
Group Delay Distortion
ΔGD
-
±0.01
-
μs
ADC Digital Filter (HPF):
Frequency Response (Note 16)
−3dB
−0.1dB
FR
-
-
1.0
6.5
-
-
Hz
Hz
ADC SHORT DELAY SHARP ROLL OFF FILTER CHARACTERISTICS (fs=96kHz)
(Ta=25
°C; AVDD=4.75 ∼ 5.25V; DVDD=3.0 ∼ 3.6V, TVDD=DVDD ∼ 5.25V; Double Speed Mode; SDAD bit = “1”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 16) −0.01dB
−0.1dB
−3.0dB
−6.0dB
PB
0
-
-
-
-
44.2
47.6
48.9
43.3
-
-
-
kHz
kHz
kHz
kHz
Stopband
(Note 16)
SB
55.9
-
-
kHz
Passband Ripple
PR
-
-
±0.01
dB
Stopband Attenuation
SA
80
-
-
dB
Group Delay
(Note 17)
GD
-
14
-
1/fs
Group Delay Distortion
ΔGD
-
±0.013
-
μs
ADC Digital Filter (HPF):
Frequency Response (Note 16)
−3dB
−0.1dB
FR
-
-
2.0
13.0
-
-
Hz
Hz
ADC SHORT DELAY SHARP ROLL OFF FILTER CHARACTERISTICS (fs=192kHz)
(Ta=25
°C; AVDD=4.75 ∼ 5.25V; DVDD=3.0 ∼ 3.6V, TVDD=DVDD ∼ 5.25V; Quad Speed Mode; SDAD bit = “1”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 16) −0.01dB
−0.1dB
−3.0dB
−6.0dB
PB
0
-
-
-
-
81.1
99.9
106.7
76.1
-
-
-
kHz
kHz
kHz
kHz
Stopband
(Note 16)
SB
141.1
-
-
kHz
Passband Ripple
PR
-
-
±0.01
dB
Stopband Attenuation
SA
79
-
-
dB
Group Delay
(Note 17)
GD
-
11
-
1/fs
Group Delay Distortion
ΔGD
-
0
-
μs
ADC Digital Filter (HPF):
Frequency Response (Note 16)
−3dB
−0.1dB
FR
-
-
4.0
26.0
-
-
Hz
Hz


Similar Part No. - AK4621EF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620AVF AKM-AK4620AVF Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AK4620B AKM-AK4620B Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
logo
List of Unclassifed Man...
AK4620B ETC2-AK4620B Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results

Similar Description - AK4621EF

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
   24-bit 192kHz Stereo Audio DAC
logo
Asahi Kasei Microsystem...
AK4617VQ AKM-AK4617VQ Datasheet
1Mb / 64P
   192kHz 24-bit 2ch/12ch Audio CODEC
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
List of Unclassifed Man...
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com