Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4611VQ Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4611VQ
Description  4/8-Channel Audio CODEC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4611VQ Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4611VQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
[AK4611]
MS1050-E-02
2010/06
- 1 -
GENERAL DESCRIPTION
The AK4611 is a single chip audio CODEC that includes four ADC channels and eight DAC channels.
The converters are designed with Enhanced Dual Bit architecture for the ADC’s, and Advanced Multi-Bit
architecture for the DAC, enabling very low noise performance. Fabricated on a low power process, the
AK4611 operates off of a +3.3V analog supply and a +1.8V digital supply. The AK4611 supports both
single-ended and differential inputs and outputs. A wide range of applications can be realized, including
home theater, pro audio and car audio. The AK4611 is available in an 80-pin LQFP package.
FEATURES
1. 4channel 24bit ADC
- 128x Oversampling
- Linear Phase Digital Anti-Alias Filter
- Analog Anti-Alias Filter for Single-Ended Input and Differential Input
- ADC S/(N+D)
92dB: Single-Ended Input
97dB: Differential Input
- ADC DR, S/N
103dB: Single-Ended Input
104dB: Differential Input
- Digital HPF for offset cancellation
- I/F format: MSB justified, I
2S or TDM
- Overflow flag
2. 8channel 24bit DAC
- 128x Oversampling
- Linear Phase 24bit 8 times Digital Filter
- Analog Smoothing Filter for Single-Ended Output
- DAC S/(N+D)
94dB: Single-Ended Output
100dB: Differential Output
- DAC DR, S/N
105dB: Single-Ended Output
108dB: Differential Output
- Individual channel digital volume with 256 levels and 0.5dB steps
- Soft mute
- De-emphasis for 32kHz, 44.1kHz and 48kHz
- Zero Detect Function
- I/F format: MSB justified, LSB justified (16bit, 20bit, 24bit), I
2S or TDM
3. Sampling Frequency
- Normal Speed Mode: 32kHz to 48kHz
- Double Speed Mode: 64kHz to 96kHz
- Quad Speed Mode: 128kHz to 192kHz
4. Master / Slave mode
AK4611
4/8-Channel Audio CODEC


Similar Part No. - AK4611VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
More results

Similar Description - AK4611VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com