Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4611VQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4611VQ
Description  4/8-Channel Audio CODEC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4611VQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4611VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4611VQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
[AK4611]
MS1050-E-02
2010/06
- 7 -
No. Pin Name
I/O
Function
34
TST8
I
Test Pin
This pin must be connected to VSS4.
35
DVMPD
I
DAC output VCOM voltage power down pin
“L”: DAC outputs are VCOM voltage “H”: DAC outputs are Hi-Z.
LOUT1+
O
Lch Analog Positive Output 1 Pin (DOE1 bit = “H”)
36
LOUT1
O
Lch Analog Output 1 Pin (DOE1 bit = “L”)
37
LOUT1-
O
Lch Analog Negative Output 1 Pin (When DOE1 bit = “L”, this pin must be open.)
ROUT1+
O
Rch Analog Positive Output 1 Pin (DOE1 bit = “H”)
38
ROUT1
O
Rch Analog Output 1 Pin (DOE1 bit = “L”)
39
ROUT1-
O
Rch Analog Negative Output 1 Pin (When DOE1 bit = “L”, this pin must be open.)
LOUT2+
O
Lch Analog Positive Output 2 Pin (DOE2 bit = “H”)
40
LOUT2
O
Lch Analog Output 2 Pin (DOE2 bit = “L”)
41
LOUT2-
O
Lch Analog Negative Output 2 Pin (When DOE2 bit = “L”, this pin must be open.)
ROUT2+
O
Rch Analog Positive Output 2 Pin (DOE2 bit = “H”)
42
ROUT2
O
Rch Analog Output 2 Pin (DOE2 bit = “L”)
43
ROUT2-
O
Rch Analog Negative Output 2 Pin (When DOE2 bit = “L”, this pin must be open.)
LOUT3+
O
Lch Analog Positive Output 3 Pin (DOE3 bit = “H”)
44
LOUT3
O
Lch Analog Output 3 Pin (DOE3 bit = “L”)
45
LOUT3-
O
Lch Analog Negative Output 3 Pin (When DOE3 bit = “L”, this pin must be open.)
ROUT3+
O
Rch Analog Positive Output 3 Pin (DOE3 bit = “H”)
46
ROUT3
O
Rch Analog Output 3 Pin (DOE3 bit = “L”)
47
ROUT3-
O
Rch Analog Negative Output 3 Pin (When DOE3 bit = “L”, this pin must be open.)
48
VSS2
-
Ground Pin, 0V
49
AVDD2
-
Analog Power Supply Pin, 3.0V
∼3.6V
50
VREFH2
I
Positive Voltage Reference Input Pin, AVDD2
LOUT4+
O
Lch Analog Positive Output 4 Pin (DOE4 bit = “H”)
51
LOUT4
O
Lch Analog Output 4 Pin (DOE4 bit = “L”)
52
LOUT4-
O
Lch Analog Negative Output 4 Pin (When DOE4 bit = “L”, this pin must be open.)
ROUT4+
O
Rch Analog Positive Output 4 Pin (DOE4 bit = “H”)
53
ROUT4
O
Rch Analog Output 4 Pin (DOE4 bit = “L”)
54
ROUT4-
O
Rch Analog Negative Output 4 Pin (When DOE4 bit = “L”, this pin must be open.)
55
TST9
O
Test Pin
This pin must be open.
56
TST10
O
Test Pin
This pin must be open.
57
TST11
O
Test Pin
This pin must be open.
58
TST12
O
Test Pin
This pin must be open.
59
TST13
O
Test Pin
This pin must be open.
60
TST14
O
Test Pin
This pin must be open.
61
TST15
O
Test Pin
This pin must be open.
62
TST16
O
Test Pin
This pin must be open.
OVF1
O
Analog Input Overflow Detect 1 Pin (Note 1)
This pin goes to “H” if the analog input of Lch or Rch overflows.
63
DZF1
O
Zero Input Detect 1 Pin
(Note 2)
When the input data of the group 1 follow total 8192 LRCK cycles with “0” input data,
this pin goes to “H”. And when RSTN bit is “0”, PMDAC bit is “0”, this pin goes to “H”.


Similar Part No. - AK4611VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
More results

Similar Description - AK4611VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com