Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

452845 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # 452845
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

452845 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  452845 Datasheet HTML 1Page - Asahi Kasei Microsystems 452845 Datasheet HTML 2Page - Asahi Kasei Microsystems 452845 Datasheet HTML 3Page - Asahi Kasei Microsystems 452845 Datasheet HTML 4Page - Asahi Kasei Microsystems 452845 Datasheet HTML 5Page - Asahi Kasei Microsystems 452845 Datasheet HTML 6Page - Asahi Kasei Microsystems 452845 Datasheet HTML 7Page - Asahi Kasei Microsystems 452845 Datasheet HTML 8Page - Asahi Kasei Microsystems 452845 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
[AK4424]
MS0935-E-03
2010/09
- 2 -
Ordering Guide
AK4424ET
-20
∼ +85°C
16pin TSSOP (0.65mm pitch)
AKD4424
Evaluation Board for AK4424
Pin Layout
6
5
4
3
2
1
CN
CP
MCLK
DEM
BICK
SDTI
7
SMUTE
8
VEE
VSS2
CVDD
DZF
VSS1
VDD
AOUTL
AOUTR
AK4424
Top View
11
12
13
14
15
16
10
9
LRCK
Main Difference Between AK4420, AK4421 and AK4424
AK4420
AK4421
AK4424
Digital de-emphasis
-
-
X
I/F format
24-bit MSB justified
I²S
24-bit MSB justified
I²S
I²S
Pin#3
SMUTE
SMUTE
DEM
Pin out
Pin#8
DIF
DIF
SMUTE
Power Supply
+4.5
∼ +5.5V
+3.0
∼ +3.6V
+4.5
∼ +5.5V
THD+N
-92dB
-92dB (-3dBFS)
-92dB
DR
105dB
102dB
105dB
Operating Temperature
ET: -20
∼ +85°C
VT: -40
∼ +85°C
ET: -20
∼ +85°C
ET: -20
∼ +85°C
-: Not available
X: Available


Similar Part No. - 452845

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4528 POMONA-4528 Datasheet
16Kb / 1P
   Cable Assembly SMA Male To SMA Female
logo
Heyco.
4528 HEYCO-4528 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Molex Electronics Ltd.
45280-0401 MOLEX-45280-0401 Datasheet
256Kb / 2P
   3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
45280-0402 MOLEX-45280-0402 Datasheet
256Kb / 2P
   3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
45280-0403 MOLEX-45280-0403 Datasheet
256Kb / 2P
   3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
More results

Similar Description - 452845

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com