Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4425AET Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4425AET
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4425AET Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4425AET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 9Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 10Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 11Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 12Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 13Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 14Page - Asahi Kasei Microsystems AK4425AET Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
[AK4425A]
OPERATION OVERVIEW
System Clock
The external clocks required to operate the AK4425A are MCLK, LRCK and BICK. The master clock (MCLK) should be
synchronized with LRCK but the phase is not critical. The MCLK is used to operate the digital interpolation filter and the
delta-sigma modulator. The MCLK is used to operate the digital interpolation filter and the delta-sigma modulator. There
are two methods to set MCLK frequency. In Manual Setting Mode (ACKS = “0”: Register 00H), the sampling speed is set
by DFS0/1 (Table 1). The frequency of MCLK at each sampling speed is set automatically. (Table 2) When the power
applied, the AK4425A is in Auto Setting Mode. In Auto Setting Mode (ACKS = “1”: Default), as MCLK frequency is
detected automatically (Table 3), and the internal master clock becomes the appropriate frequency (Table 4), it is not
necessary to set DFS0/1.
The AK4425A is automatically placed in power saving mode when MCLK, LRCK and BICK stop during normal
operation mode, and the analog output is forced to 0V(typ). When MCLK, LRCK and BICK are input again, the
AK4425A is powered up. After power-up, the AK4425A is in the power-down mode until MCLK, LRCK and BICK are
input.
DFS1
DFS0
Sampling Rate (fs)
0
0
Normal Speed Mode
8kHz~48kHz
(default)
0
1
Double Speed Mode
60kHz~96kHz
1
0
Quad Speed Mode
120kHz~192kHz
Table 1. Sampling Speed (Manual Setting Mode)
LRCK
(kHz)
MCLK (MHz)
BICK
(MHz)
DFS1
DFS0
Sampling
Speed
fs
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
64fs
0
0
32.0
-
-
8.1920
12.2880
16.3840
24.5760
36.8640
2.0480
0
0
44.1
-
-
11.2896
16.9344
22.5792
33.8688
-
2.8224
0
0
Normal
48.0
-
-
12.2880
18.4320
24.5760
36.8640
-
3.0720
0
1
88.2
11.2896
16.9344
22.5792
33.8688
-
-
-
5.6448
0
1
Double
96.0
12.2880
18.4320
24.5760
36.8640
-
-
-
6.1440
1
0
176.4
22.5792
33.8688
-
-
-
-
-
11.2896
1
0
Quad
192.0
24.5760
36.8640
-
-
-
-
-
12.2880
Table 2. System Clock Example
MCLK
Sampling Speed
1152fs
Normal (fs=32kHz only)
512fs
768fs
Normal
256fs
384fs
Double
128fs
192fs
Quad
Table 3. Sampling Speed(Auto Setting Mode: Default)
MS1127-E-01
2011/03
- 11 -


Similar Part No. - AK4425AET

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK44256D ACCUTEK-AK44256D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK44256D ACCUTEK-AK44256D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK44256D ACCUTEK-AK44256D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK44256D ACCUTEK-AK44256D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK44256D ACCUTEK-AK44256D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4425AET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com