Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4392 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4392
Description  High Performance 120dB Premium 32-Bit DAC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4392 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4392 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
[AK4392]
MS1045-E-02
2009/04
- 8 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=VDDL/R=DVDD=5.0V; VSS1-4 =0V; VREFHL/R=AVDD, VREFLL/R= VSS;
Input data = 24bit; RL ≥ 1kΩ; BICK=64fs; Signal Frequency = 1kHz; Sampling Frequency = 44.1kHz;
Measurement bandwidth = 20Hz ~ 20kHz; External Circuit: Figure 20; unless otherwise specified.)
Parameter
min
typ
max
Units
Resolution
-
-
24
Bits
Dynamic Characteristics
(Note 5)
fs=44.1kHz
BW=20kHz
0dBFS
−60dBFS
-
-
-103
-57
93
-
dB
dB
fs=96kHz
BW=40kHz
0dBFS
−60dBFS
-
-
100
-54
-
-
dB
dB
THD+N
fs=192kHz
BW=40kHz
BW=80kHz
0dBFS
−60dBFS
−60dBFS
100
-54
-51
-
-
-
dB
dB
dB
Dynamic Range (
−60dBFS with A-weighted)
(Note 6)
114
120
dB
S/N (A-weighted)
(Note 7)
114
120
dB
Interchannel Isolation (1kHz)
110
120
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.15
0.3
dB
Gain Drift
(Note 8)
-
20
-
ppm/
°C
Output Voltage
(Note 9)
±2.65
±2.8
±2.95
Vpp
Load Capacitance
-
-
25
pF
Load Resistance
(Note 10)
1
-
-
k
Ω
Power Supplies
Power Supply Current
Normal operation (PDN pin = “H”)
AVDD + VDDL/R
DVDD (fs
≤ 96kHz)
DVDD (fs = 192kHz)
-
-
-
60
43
46
90
-
70
mA
mA
mA
Power down (PDN pin = “L”)
(Note 11)
AVDD+VDDL/R+DVDD
-
10
100
μA
Note 5. Measured by Audio Precision, System Two. Averaging mode. Refer to the evaluation board manual.
Note 6. Figure 20 External LPF Circuit Example 2. 101dB for 16-bit data and 118dB for 20-bit data.
Note 7. Figure 20 External LPF Circuit Example 2. S/N does not depend on input data size.
Note 8. The voltage on (VREFH
− VREFL) is held +5V externally.
Note 9. Full-scale voltage(0dB). Output voltage scales with the voltage of (VREFHL/R
− VREFLL/R).
AOUT (typ.@0dB) = (AOUT+)
− (AOUT−) = ±2.8Vpp × (VREFHL/R − VREFLL/R)/5.
Note 10. Regarding Load Resistance, AC load is 1k
Ω (min) with a DC cut capacitor (Figure 20). DC load is 1.5k ohm
(min) without a DC cut capacitor (Figure 19). The load resistance value is with respect to ground. Analog
characteristics are sensitive to capacitive load that is connected to the output pin. Therefore the capacitive load
must be minimized.
Note 11. In the power down mode. The P/S pin = DVDD, and all other digital input pins including clock pins
(MCLK, BICK and LRCK) are held VSS4.


Similar Part No. - AKD4392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4392-SB AKM-AKD4392-SB Datasheet
572Kb / 32P
   AK4392 Sound quality evaluation board Rev.0
More results

Similar Description - AKD4392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
AK4413EQ AKM-AK4413EQ Datasheet
833Kb / 48P
   High Performance 120dB 24-Bit 4ch DAC
logo
List of Unclassifed Man...
AK4413EQP ETC2-AK4413EQP Datasheet
576Kb / 47P
   High Performance 120dB 24-Bit 4ch DAC
logo
Asahi Kasei Microsystem...
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
   High Performance 114dB 32-Bit DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com