Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4345 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4345
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4345 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4345 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4345 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
[AK4345]
MS0635-E-01
2010/09
- 5 -
ABSOLUTE MAXIMUM RATINGS
(VSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
VDD
−0.3
4.6
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Digital Input Voltage
(Note 2)VIND
−0.3
VDD+0.3
V
Ambient Temperature (Powered applied)
Ta
−20
85
°C
Storage Temperature
Tstg
−65
150
°C
Note 1. All voltages with respect to ground.
Note 2. MCLK, BICK, SDTI1, LRCK, PDN, CSN, CCLK, CDTI, SDTI2
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
VDD
2.7
3.3
3.6
V
Note 1. All voltages with respect to ground.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4345

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4345ET AKM-AK4345ET Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
More results

Similar Description - AK4345

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
   24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
   24-bit, 96kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
   100DB 96KHZ 24 BIT 2CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com