Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4388A Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4388A
Description  192kHz 24-Bit 2ch ?誇 DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4388A Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4388A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 10Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 11Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 12Page - Asahi Kasei Microsystems AK4388A Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
[AK4388A]
MS1008-E-02
2010/09
- 9 -
Audio Serial Interface Format
Data is shifted in via the SDTI pin using BICK and LRCK inputs. The DIF0-1 as shown in Table 5 can select four serial
data modes. The DIF1 pin is internal pull-up pin. In all modes the serial data is MSB-first, 2’s compliment format and is
latched on the rising edge of BICK.
Mode
DIF1
DIF0
SDTI Format
BICK
Figure
0
L
L
16bit LSB justified
≥32fs
Figure 4
1
L
H
24bit LSB justified
≥48fs
Figure 5
2
H
L
24bit MSB justified
≥48fs
Figure 6
3
H
H
16/24bit I2S Compatible
≥48fs or 32fs
Figure 7
Table 5. Audio Data Formats
SDTI
BICK
LRCK
SDTI
15
14
6
5
4
BICK
0
1
10
11
12
13
14
15
0
1
10
11
12
13
14
15
0
1
32
1
0
15
14
(32fs)
(64fs)
0
14
1
15
16
17
31
0
1
14
15
16
17
31
0
1
15
14
0
15
14
0
Mode 0
Don’t care
Don’t care
15:MSB, 0:LSB
Mode 0
15
14
6
5
4
3
2
1
0
Lch Data
Rch Data
Figure 4. Mode 0 Timing
SDTI
LRCK
BICK
(64fs)
0
9
1
10
11
12
31
0
1
9
10
11
12
31
0
1
19
0
19
0
Mode 1
Don’t care
Don’t care
23:MSB, 0:LSB
Lch Data
Rch Data
88
20
22
21
23
20
22
21
23
Figure 5. Mode 1 Timing


Similar Part No. - AK4388A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388ET AKM-AK4388ET Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388VT AKM-AK4388VT Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
More results

Similar Description - AK4388A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385 Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4482VT AKM-AK4482VT Datasheet
566Kb / 26P
   111dB 192kHz 24-Bit 2ch ?誇 DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com