Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2080 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67100-Q2080
Description  16M x 72-Bit Dynamic RAM Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2080 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67100-Q2080 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2080 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Semiconductor Group
1
16M
× 72-Bit Dynamic RAM Module
(ECC - Module )
HYM 72V1600GS-50/-60
HYM 72V1610GS-50/-60
Preliminary Information
16 777 216 words by 72-bit ECC - mode organization
Fast access and cycle time
50 ns access time
90 ns cycle time (-50 version)
60 ns access time
110 ns cycle time (-60 version)
Fast page mode capability with
35 ns cycle time (-50 version)
40 ns cycle time (-60 version)
Single + 3.3V (
± 0.3V) supply
Low power dissipation
max. 6480 mW active (-50 version)
max. 5832 mW active (-60 version)
CMOS – 108 mW standby
LVTTL – 180 mW standby
CAS-before-RAS refresh, RAS-only-refresh
18 decoupling capacitors mounted on substrate
All inputs, outputs and clock fully LVTTL & LVCMOS compatible
4 Byte interleave enabled, Dual Address inputs (A0/B0)
Buffered inputs excepts RAS and DQ
168 pin, dual read-out, Single in-Line Memory Module
Utilizes eighteen 16M
× 4 -DRAMs and four BiCMOS 8-bit buffers/line drivers VT244A
Two versions : HYM 72V1600GS with TSOPII-components (4 mm thickness)
HYM 72V1610GS with SOJ-components
(9 mm thickness)
8192 refresh cycles / 128 ms with 13 / 11 addressing
Gold contact pad
double sided module with 38.1 mm (1500 mil) height
1
11.95


Similar Part No. - Q67100-Q2080

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2085 SIEMENS-Q67100-Q2085 Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
Q67100-Q2086 SIEMENS-Q67100-Q2086 Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2080

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com