Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2185 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67100-Q2185
Description  3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2185 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67100-Q2185 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2185 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HYM64(72)V4005/45GU-50/-60
4M x 64/72 DRAM Module
Semiconductor Group
2
The HYM64(72)V4005/45GU-50/-60 are industry standard 168-pin 8-byte Dual In-Line Memory
Modules (DIMMs) which are organized as 4M x 64 and 4M x 72 high speed memory arrays
designed with EDO DRAMs for non-parity and ECC applications. 2k refresh with 11 / 11 addressing
and 4k refresh modules with 12 / 10 addressing are available. The DIMMs use sixteen 4M x 4 EDO
DRAMs for the 4M x 64 organisation and eighteen 4M x 4 DRAMs for the 4M x 72 organisation, both
in TSOPII packages. Decoupling capacitors are mounted on the PC board.
The DIMMs use optional serial presence detects implemented via a serial E 2PROM using the two
pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128
bytes of serial PD data are available to the customer.
All 168-pin DIMMs provide a high performance, flexible 8-byte interface in a 133,35 mm long space-
saving footprint.
Ordering Information
Type
Ordering
Code
Package
Descriptions
2k-Refresh:
HYM 64V4005GU-50
Q67100-Q2184
L-DIM-168-12
4M x 64 DRAM module (access time 50 ns)
HYM 64V4005GU-60
Q67100-Q2185
L-DIM-168-12
4M x 64 DRAM module (access time 60 ns)
HYM 72V4005GU-50
Q67100-Q2186
L-DIM-168-12
4M x 72 DRAM module (access time 50 ns)
HYM 72V4005GU-60
Q67100-Q2187
L-DIM-168-12
4M x 72 DRAM module (access time 60 ns)
4k-Refresh:
HYM 64V4045GU-50
L-DIM-168-12
4M x 64 DRAM module (access time 50 ns)
HYM 64V4045GU-60
L-DIM-168-12
4M x 64 DRAM module (access time 60 ns)
HYM 72V4045GU-50
L-DIM-168-12
4M x 72 DRAM module (access time 50 ns)
HYM 72V4045GU-60
L-DIM-168-12
4M x 72 DRAM module (access time 60 ns)


Similar Part No. - Q67100-Q2185

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2180 SIEMENS-Q67100-Q2180 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
Q67100-Q2181 SIEMENS-Q67100-Q2181 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
Q67100-Q2182 SIEMENS-Q67100-Q2182 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
Q67100-Q2183 SIEMENS-Q67100-Q2183 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
Q67100-Q2188 SIEMENS-Q67100-Q2188 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
More results

Similar Description - Q67100-Q2185

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com