Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4185 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4185
Description  Low Power Touch Screen Controller with SPI??Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4185 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4185 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
[AK4185]
AK4185
Low Power Touch Screen Controller with SPI™ Interface
GENERAL DESCRIPTION
The AK4185 is a 4-wire/ 5-wire resistive touch screen controller that incorporates 12bit SAR A/D
converter. The AK4185 operates down to 1.6V supply voltage in order to connect a low voltage
microprocessor. The AK4185 has both an automatic continuous measurement and a measurement data
calculation function. The functions that normally require external processing, such as calculating the
average screen input value, are processed by the AK4185. In addition, a new sequential mode achieves
short coordinate measurement time while greatly reducing the microprocessor overhead. The AK4185
can detect the pressed screen location by performing two A/D conversions and it can also measure touch
pressure. The AK4185 is the best fit for cellular phone, DSC, DVC, smart phone, or other portable
devices.
FEATURES
4-wire or 5-wire Touch Screen Interface
SPI
TM Serial Interface
12bit SAR A/D Converter with S/H circuit
Sampling Rate: 300Ksps
Pen Pressure Measurement (4-wire)
Continuous Read Function (External Clock Mode)
Integrated Internal Osc (Sequence Mode)
Integrated Median Averaging Filter
Low Voltage Operation: VDD = 1.6V ~ 3.6V
PENIRQN Buffer Output
Low Power Consumption: 240
μA at 1.8V
Auto Power Down
Package: 12pin CSP (1.96mm x 1.46mm, pitch 0.5mm)
Software Compatible with AK4182A
PENIRQN
SPI
Serial I/F
&
Control
Logic
CSN
VSS
AIN+
AIN-
DOUT
DIN
SCLK
XP/BR
YP/TR
XN/TL
YN/BL
IN/
WIPER
SAR
ADC
VDD
4/5wire
Touch
Screen
Drivers
Interface
MUX
TEMP
VREF+
VREF-
Internal
Osc
Figure 1. Block Diagram
SPITM is a registered trademark of Motorola, Inc.
MS0954-E-05
2010/10
- 1 -


Similar Part No. - AKD4185

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4182A-A AKM-AKD4182A-A Datasheet
604Kb / 9P
   touch screen controller
AKD4183 AKM-AKD4183 Datasheet
165Kb / 5P
   touch screen controller
AKD4184 AKM-AKD4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
AKD4184-A AKM-AKD4184-A Datasheet
548Kb / 24P
   Analog I/F IC which includes 4-wire resistive Touch Screen Controller
AKD4184A AKM-AKD4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results

Similar Description - AKD4185

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
logo
Asahi Kasei Microsystem...
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com