Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4183 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4183
Description  I2C Touch Screen Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4183 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4183 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[AK4183]
MS0500-E-01
2008/12
6
A/D Converter for Touch Screen
The AK4183 incorporates a 12-bit successive approximation resistor (SAR) A/D converter for position measurement.
The architecture is based on a capacitive redistribution algorithm, and an internal capacitor array functions as the
sample/hold (S/H) circuit. The SAR A/D converter output is a straight binary format as shown below:
Input Voltage
Output Code
(
ΔVREF-1.5LSB)~ ΔVREF
FFFH
(
ΔVREF-2.5LSB) ~ (ΔVREF-
1.5LSB)
FFEH
---------
---------
0.5LSB ~ 1.5LSB
001H
0 ~ 0.5LSB
000H
ΔVREF: (VREF+) – (VREF-)
Table 1. Output Code
The Position Detection of Touch Screen
A position detecting (X, Y position) on the touch panel is selected by the control command via the A2, A1, A0 bits in
the control register. The mode of the position detecting is differential mode, the full scale (
ΔVREF) is the differential
voltage between the non-inverting terminal and the inverting terminal of the measured axis (e.g. X-axis measurement:
ΔVREF = V
XP – VXN).
The voltage difference on the A/D converter (
ΔAIN) is the voltage between non-inverting
terminals of the non-measured axis and the inverting terminal of the measured axis. (E.g.
ΔAIN= (AIN+) - (AIN-) =
VYP-VXN) The voltage difference (ΔAIN) is charged to the internal capacitor array during the sampling period. No
current flows into the internal capacitor after the capacitor has been charged completely.
The required settling time to charge the internal capacitor array depends on the source impedance (Rin). If the source
impedance is 600 ohm, the settling time needs at least 2.5
μs (1 clock cycle period of SCL 400 KHz)
The position on the touch screen is detected by taking the voltage of one axis when the voltage is supplied between the
two terminals of another axis. At least two A/D conversions are needed to get the two-dimensional (X/Y axis) position.
The X-plate and Y-plate are connected on the dotted line when the panel is touched.
XP
XN
X-Plate (Top side)
Y-Plate (Bottom side)
c)
4-wire Touch Screen Construction
X-Plate
Y-Plate
X-Plate
YP
YN
YN
XN
YP
XN-Driver SW ON
VREF+
VREF-
ADC
AIN+
AIN-
XP
XP-Driver SW ON
a)
X-Position Measurement Differential Mode
b)
Y-Position Measurement Differential Mode
YN
XN
YP
YN-Driver SW ON
VREF+
VREF-
ADC
AIN+
AIN-
XP
YP-Driver SW ON
VCC
VCC
Touch Screen
Y-Plate
Figure 2. Axis Measurements


Similar Part No. - AK4183

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
AK4183VT AKM-AK4183VT Datasheet
168Kb / 17P
   I2C Touch Screen Controller
More results

Similar Description - AK4183

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003 TI-TSC2003 Datasheet
418Kb / 22P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com