Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4129 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4129
Description  6ch 216kHz / 24-Bit Asynchronous SRC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4129 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4129 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4129 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
[AK4129]
MS1173-E-02
2011/06
- 3 -
Compatibility with AK4126
(1) Specifications
Parameter
AK4126
AK4129
Stereo Inputs
Asynchronous Mode
Not Available
Synchronous Mode Only
Available
The INAS pin controls synchronous and
asynchronous modes.
Internal Clock
Internal PLL
The PLL2-0 pins must be set
according to the PLL reference clock.
#61 pin: A pin for external devices of
PLL filter.
Internal Regulator + Internal Oscillator
PLL reference clock select is not needed since
internal oscillator generates the clock.
#61 pin: A capacitor pin for the internal regulator.
Bypass Mode
Not Available
Available
Controlled by CM2-0 pins or BYPS bit.
Master Mode for
Output Ports
Not Available
Available
Controlled by CM2-0 pins
Maximum FSI and
FSO
192kHz
216kHz
Maximum IBICK and
OBICK Frequency
64fs
256fs
X’tal Oscillator
Not Available
Available
Master Clock Output
Not Available
Available
TDM Mode
Not Available
Available
Controlled by IDIF2-0 pins or IDIF2-0 bits (Input)
Controlled by TDM pin (Output)
Soft Mute
All channels are controlled together.
Individual Setting Available
Individual setting is available by setting SMUTE3-1
bits in serial control mode.
De-emphasis Filter
All channels are controlled together.
Individual Setting Available
Individual setting is available by DEM31-30,
21-20, 11-10 bits in serial control mode.
Audio Format for
Input port.
All channels are controlled together.
Individual Setting Available
Individual setting is available by IDIF32-30, 22-20,
12-10 bits in serial control mode.
I2C
Not Available
Available
Parallel and Serial control modes are selected by the
SPB pin.
UNLOCK pin
Detects PLL unlock.
FSI:FSO Ratio Change Detect
Detects over-current/voltage of the 1.8V outputs.


Similar Part No. - AKD4129

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4129-A AKM-AKD4129-A Datasheet
2Mb / 52P
   Evaluation board
More results

Similar Description - AKD4129

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4129 AKM-AK4129 Datasheet
710Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
AK4128A AKM-AK4128A Datasheet
764Kb / 50P
   8ch 216kHz / 24-Bit Asynchronous SRC
AK4126 AKM-AK4126 Datasheet
233Kb / 27P
   6ch 192kHz / 24-Bit Asynchronous SRC
logo
Texas Instruments
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance, 24-Bit,216kHz Sampling
logo
Asahi Kasei Microsystem...
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
   192kHz 24-Bit 6ch DAC for DVD-Audio
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com