Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4122AVQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4122AVQ
Description  24-Bit 96kHz SRC with DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4122AVQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4122AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
[AK4122A]
MS1076-E-01
2010/05
- 9 -
FILTER CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=3.0 ∼ 3.6V; DEM=OFF)
Parameter
Symbol
min
typ
max
Units
Digital Filter
0.985
≤ FSO/FSI ≤ 6.000
PB
0
0.4583FSI
kHz
0.905
≤ FSO/FSI < 0.985
PB
0
0.4167FSI
kHz
0.714
≤ FSO/FSI < 0.905
PB
0
0.3195FSI
kHz
0.656
≤ FSO/FSI < 0.714
PB
0
0.2852FSI
kHz
0.536
≤ FSO/FSI < 0.656
PB
0
0.2245FSI
kHz
0.492
≤ FSO/FSI < 0.536
PB
0
0.2003FSI
kHz
0.452
≤ FSO/FSI < 0.492
PB
0
0.1781FSI
kHz
Passband
−0.001dB
0.333
≤ FSO/FSI < 0.452
PB
0
0.1092FSI
kHz
0.985
≤ FSO/FSI ≤ 6.000
SB
0.5417FSI
kHz
0.905
≤ FSO/FSI < 0.985
SB
0.5021FSI
kHz
0.714
≤ FSO/FSI < 0.905
SB
0.3965FSI
kHz
0.656
≤ FSO/FSI < 0.714
SB
0.3643FSI
kHz
0.536
≤ FSO/FSI < 0.656
SB
0.2974FSI
kHz
0.492
≤ FSO/FSI < 0.536
SB
0.2732FSI
kHz
0.452
≤ FSO/FSI < 0.492
SB
0.2510FSI
kHz
Stopband
0.333
≤ FSO/FSI < 0.452
SB
0.1822FSI
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
96
dB
Group Delay
(Note 7)
GD
-
58.5
-
1/fs
Note 7. This value is the time from the rising edge of LRCK after data is input to rising edge of LRCK after data is output,
when LRCK for Output data corresponds with LRCK for Input.
DC CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=3.0 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%DVDD
-
-
-
-
30%DVDD
V
V
High-Level Output Voltage
(Iout=
−400μA)
Low-Level Output Voltage
(Iout=400
μA)
VOH
VOL
DVDD
−0.4
-
-
-
-
0.4
V
V
Input Leakage Current
Iin
-
-
±10
μA
Parameter
min
typ
max
Units
Power Supply Current
Normal operation (PDN pin = “H”)
(Note 8)
FSI=FSO=48kHz at Slave Mode: AVDD=DVDD=3.3V
FSI=FSO=96kHz at Master Mode: AVDD=DVDD=3.3V
FSI=FSO=96kHz at Master Mode: AVDD=DVDD=3.6V
Power down (PDN pin = “L”)
(Note 9)
AVDD+DVDD
15
29
-
10
-
-
45
100
mA
mA
mA
μA
Note 8. Typ and max values are the value of AVDD+DVDD in each power supply voltage.
Power supply current of each path@Slave Mode, AVDD=DVDD=3.3V, FSI=FSO=48kHz
1. PORT1
→ SRC → PORT3: AVDD=5mA(typ), DVDD=10mA(typ)
2. PORT2
→ SRC → PORT3: AVDD=5mA(typ), DVDD=10mA(typ)
3. DIR
→ SRC → PORT3: AVDD=6mA(typ), DVDD=9mA(typ)
Note 9. All digital input pins are held DVSS.


Similar Part No. - AK4122AVQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
logo
List of Unclassifed Man...
AK4122VQ ETC-AK4122VQ Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122VQ AKM-AK4122VQ Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
More results

Similar Description - AK4122AVQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com