Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4122AVQ Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4122AVQ
Description  24-Bit 96kHz SRC with DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4122AVQ Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4122AVQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4122AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
[AK4122A]
MS1076-E-01
2010/05
- 3 -
Ordering Guide
AK4122AVQ
−10 ∼ +70°C
48pin LQFP (0.5mm pitch)
AKD4122A
Evaluation Board for AK4122A
Pin Layout
INT0
36 35
37
34 33 32 31 30 29 28 27 26
24
23
22
21
20
19
18
17
16
15
14
11
10
9
8
7
6
5
4
3
2
1
38
39
40
41
42
43
44
45
46
47
AK4122AVQ
Top View
INT1
TX
SDTO
BICK
LRCK
OMCLK
DVSS
DVDD
BVSS
CSN
AVDD
TST6
RX1
TST7
RX2
TST8
RX3
TST9
RX4
TST10
TST11
48
CCLK
12
13
AVSS
25


Similar Part No. - AK4122AVQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
logo
List of Unclassifed Man...
AK4122VQ ETC-AK4122VQ Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122VQ AKM-AK4122VQ Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
More results

Similar Description - AK4122AVQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com