Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V1610GS-50 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYM72V1610GS-50
Description  16M x 72-Bit Dynamic RAM Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V1610GS-50 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYM72V1610GS-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V1610GS-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Semiconductor Group
3
HYM72V1600/10GS-50/-60
16M x 72-ECC Module
Pin Configuration
PIN #
Symbol
PIN #
Symbol
PIN #
Symbol
PIN #
Symbol
1
VSS
43
VSS
85
VSS
127
VSS
2
DQ0
44
OE2
86
DQ36
128
NC
3
DQ1
45
RAS2
87
DQ37
129
NC
4
DQ2
46
CAS4
88
DQ38
130
NC
5
DQ3
47
NC
89
DQ39
131
NC
6
VCC
48
WE2
90
VCC
132
PDE
7
DQ4
49
VCC
91
DQ40
133
VCC
8
DQ5
50
NC
92
DQ41
134
NC
9
DQ6
51
NC
93
DQ42
135
NC
10
DQ7
52
DQ18
94
DQ43
136
DQ54
11
DQ8
53
DQ19
95
DQ44
137
DQ55
12
VSS
54
VSS
96
VSS
138
VSS
13
DQ9
55
DQ20
97
DQ45
139
DQ56
14
DQ10
56
DQ21
98
DQ46
140
DQ57
15
DQ11
57
DQ22
99
DQ47
141
DQ58
16
DQ12
58
DQ23
100
DQ48
142
DQ59
17
DQ13
59
VCC
101
DQ49
143
VCC
18
VCC
60
DQ24
102
VCC
144
DQ60
19
DQ14
61
NC
103
DQ50
145
NC
20
DQ15
62
NC
104
DQ51
146
NC
21
DQ16
63
NC
105
DQ52
147
NC
22
DQ17
64
NC
106
DQ53
148
NC
23
VSS
65
DQ25
107
VSS
149
DQ61
24
NC
66
DQ26
108
NC
150
DQ62
25
NC
67
DQ27
109
NC
151
DQ63
26
VCC
68
VSS
110
VCC
152
VSS
27
WE0
69
DQ28
111
NC
153
DQ64
28
CAS0
70
DQ29
112
NC
154
DQ65
29
NC
71
DQ30
113
NC
155
DQ66
30
RAS0
72
DQ31
114
NC
156
DQ67
31
OE0
73
VCC
115
NC
157
VCC
32
VSS
74
DQ32
116
VSS
158
DQ68
33
A0
75
DQ33
117
A1
159
DQ69
34
A2
76
DQ34
118
A3
160
DQ70
35
A4
77
DQ35
119
A5
161
DQ71
36
A6
78
VSS
120
A7
162
VSS
37
A8
79
PD1
121
A9
163
PD2
38
A10
80
PD3
122
A11
164
PD4
39
A12
81
PD5
123
NC
165
PD6
40
VCC
82
PD7
124
VCC
166
PD8
41
NC
83
ID0 (VSS)
125
NC
167
ID1 (VSS)
42
NC
84
VCC
126
B0
168
VCC


Similar Part No. - HYM72V1610GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1605GU-50 SIEMENS-HYM72V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM72V1605GU-60 SIEMENS-HYM72V1605GU-60 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM72V1620GS-50 SIEMENS-HYM72V1620GS-50 Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-60 SIEMENS-HYM72V1620GS-60 Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
More results

Similar Description - HYM72V1610GS-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
   16M x 72-Bit Dynamic RAM Module
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com