Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6226BBEJ35 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6226BBEJ35
Description  128K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6226BBEJ35 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6226BBEJ35 Datasheet HTML 1Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 2Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 3Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 4Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 5Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 6Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 7Page - Motorola, Inc MCM6226BBEJ35 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6226BB
1
MOTOROLA FAST SRAM
128K x 8 Bit Static Random
Access Memory
The MCM6226BB is a 1,048,576 bit static random access memory organized
as 131,072 words of 8 bits. Static design eliminates the need for external clocks
or timing strobes while CMOS circuitry reduces power consumption and provides
for greater reliability.
The MCM6226BB is equipped with both chip enable (E1 and E2) and output
enable (G) pins, allowing for greater system flexibility and eliminating bus conten-
tion problems.
The MCM6226BB is available in 300 mil and 400 mil, 32 lead surface–mount
SOJ packages.
• Single 5 V ± 10% Power Supply
• Fast Access Times: 15/17/20/25/35 ns
• Equal Address and Chip Enable Access Times
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Low Power Operation: 190/180/165/150/130 mA Maximum, Active AC
BLOCK DIAGRAM
A
A
AA
A
A
A
A
A
A
A
A
AA
A
MEMORY MATRIX
512 ROWS x
2048 COLUMNS
ROW
DECODER
INPUT
DATA
CONTROL
COLUMN I/O
COLUMN DECODER
DQ
DQ
A
A
E1
W
G
E2
Order this document
by MCM6226BB/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6226BB
EJ PACKAGE
300 MIL SOJ
CASE 857–02
A
Address Inputs
. . . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
E1, E2
Chip Enables
. . . . . . . . . . . . . . . .
DQ
Data Inputs/Outputs
. . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . .
PIN NAMES
DQ
VSS
NC
A
A
A
A
A
A
A
A
A
A
A
DQ
DQ
VCC
A
E2
W
A
A
A
G
A
E1
DQ
DQ
DQ
A
DQ
23
22
21
20
19
32
31
30
29
28
27
26
25
24
18
17
15
16
10
11
12
13
14
1
2
3
4
5
6
7
8
9
XJ PACKAGE
400 MIL SOJ
CASE 857A–02
DQ
REV 2
10/31/96
© Motorola, Inc. 1996


Similar Part No. - MCM6226BBEJ35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20 MOTOROLA-MCM6227AWJ20 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20R2 MOTOROLA-MCM6227AWJ20R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25 MOTOROLA-MCM6227AWJ25 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25R2 MOTOROLA-MCM6227AWJ25R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results

Similar Description - MCM6226BBEJ35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com