Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXG-XHHKKMN4 Datasheet(PDF) 6 Page - Marktech Corporate

Part # CCCCC-DXG-XHHKKMN4
Description  Cree짰 5-mm Red and Amber Round LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXG-XHHKKMN4 Datasheet(HTML) 6 Page - Marktech Corporate

Back Button CCCCC-DXG-XHHKKMN4 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 9Page - Marktech Corporate CCCCC-DXG-XHHKKMN4 Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
C503B-AAS-CY0B0251
15
5860
23500
A2
584
A5
596
Bulk
Yes
Amber
C503B-AAS-CY0Z0341
15
5860
12000
A3
587
A4
593
Bulk
Yes
Amber
C503B-AAS-CZ0A0341
15
8200
16800
A3
587
A4
593
Bulk
Yes
Amber
C503B-AAN-CY0B0251
15
5860
23500
A2
584
A5
596
Bulk
No
Amber
C503B-AAN-CY0Z0341
15
5860
12000
A3
587
A4
593
Bulk
No
Amber
C503B-AAN-CZ0A0341
15
8200
16800
A3
587
A4
593
Bulk
No
Amber
C503B-AAS-CY0B0252
15
5860
23500
A2
584
A5
596
Ammo
Yes
Amber
C503B-AAS-CY0Z0342
15
5860
12000
A2
587
A4
593
Ammo
Yes
Amber
C503B-AAS-CZ0A0342
15
8200
16800
A3
587
A4
593
Ammo
Yes
Amber
C503B-AAN-CY0B0252
15
5860
23500
A2
584
A5
596
Ammo
No
Amber
C503B-AAN-CY0Z0342
15
5860
12000
A2
587
A4
593
Ammo
No
Amber
C503B-AAN-CZ0A0342
15
8200
16800
A3
587
A4
593
Ammo
No
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
C503B-ABS-CW0Z0251
23
3000
12000
A2
584
A5
596
Bulk
Yes
Amber
C503B-ABS-CW0X0341
23
3000
5860
A3
587
A4
593
Bulk
Yes
Amber
C503B-ABS-CX0Y0341
23
4180
8200
A3
587
A4
593
Bulk
Yes
Amber
C503B-ABN-CW0Z0251
23
3000
12000
A2
584
A5
596
Bulk
No
Amber
C503B-ABN-CW0X0341
23
3000
5860
A3
587
A4
593
Bulk
No
Amber
C503B-ABN-CX0Y0341
23
4180
8200
A3
587
A4
593
Bulk
No
Amber
C503B-ABS-CW0Z0252
23
3000
12000
A2
584
A5
596
Ammo
Yes
Amber
C503B-ABS-CW0X0342
23
3000
5860
A3
587
A4
593
Ammo
Yes
Amber
C503B-ABS-CX0Y0342
23
4180
8200
A3
587
A4
593
Ammo
Yes
Amber
C503B-ABN-CW0Z0252
23
3000
12000
A2
584
A5
596
Ammo
No
Amber
C503B-ABN-CW0X0342
23
3000
5860
A3
587
A4
593
Ammo
No
Amber
C503B-ABN-CX0Y0342
23
4180
8200
A3
587
A4
593
Ammo
No
Amber (15 degree)
Amber (23 degree)


Similar Part No. - CCCCC-DXG-XHHKKMN4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXG-XHHKKMN4 MARKTECH-CCCCC-DXG-XHHKKMN4 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXG-XHHKKMN4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Marktech Corporate
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com