Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V1620GS-50- Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYM72V1620GS-50-
Description  16M x 72-Bit Dynamic RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V1620GS-50- Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYM72V1620GS-50- Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 9Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Semiconductor Group
6
HYM72V1620/30GS-50/-60
16M x 72-ECC Module
Capacitance
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3V; f = 1 MHz
Average
V
CC supply current during RAS
only refresh cycles:
-50 version
-60 version
(RAS cycling, CAS =
V
IH ,
t
RC = tRC min.)
I
CC3
1800
1530
mA
mA
2) 4)
Average
V
CC supply current during fast
page mode:
-50 version
-60 version
(RAS =
V
IL, CAS, address cycling
t
PC = tPC min.)
I
CC4
1080
900
mA
mA
2) 3) 4)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V,
one address change within 15,6
µs trc)
I
CC5
–30
mA
Average
V
CC supply current during
CAS-before-RAS refresh mode:
-50 version
-60 version
(RAS, CAS cycling
, t
RC = tRC min.)
I
CC6
1800
1530
mA
mA
2) 4)
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,B0)
C
I1
–10
pF
Input capacitance (RAS0, RAS2)
C
I2
–50
pF
Input capacitance (CAS0, CAS4)
C
I3
–15
pF
Input capacitance (WE0,WE2,OE0,OE2)
C
I4
–15
pF
I/O capacitance (DQ0-DQ71)
C
IO1
–15
pF
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.


Similar Part No. - HYM72V1620GS-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1625GS-50 SIEMENS-HYM72V1625GS-50 Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V1625GS-60 SIEMENS-HYM72V1625GS-60 Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM72V1620GS-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com