Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V1620GS-50- Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYM72V1620GS-50-
Description  16M x 72-Bit Dynamic RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V1620GS-50- Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYM72V1620GS-50- Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V1620GS-50- Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Semiconductor Group
5
HYM72V1620/30GS-50/-60
16M x 72-ECC Module
Absolute Maximum Ratings
Operating temperature range .........................................................................................
0 to + 70 °C
Storage temperature range......................................................................................
– 55 to + 125 °C
Input/output voltage ............................................................................... -0.5 to min (Vcc+0.5, 4.6) V
Power supply voltage.............................................................................................
– 1.0 V to + 4.6 V
Power dissipation....................................................................................................................
8.3 W
Data out current (short circuit) ................................................................................................
50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3 V
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Input high voltage
V
IH
2.0
Vcc+0.5
V1)
Input low voltage
V
IL
– 1.0
0.8
V
1)
Output high voltage (LVTTL)
Output „H“ voltage level (
I
OUT = – 2 mA)
V
OH
2.4
V
1)
Output low voltage (LVTTL)
Output „L“voltage level (
I
OUT = 2 mA)
V
OL
0.4
V
1)
Output high voltage (LVCMOS)
Output „H“voltage level (
I
OUT = – 100 µA)
V
OH
Vcc-0.2
V
1)
Output low voltage (LVCMOS)
Output „L“voltage level (
I
OUT = 100 µA)
V
OL
0.2
V
1)
Input leakage current
(0 V <
V
IN < Vcc, all other pins = 0 V)
I
I(L)
– 20
20
µA1)
Output leakage current
(DO is disabled, 0 V <
V
OUT < Vcc)
I
O(L)
– 20
20
µA1)
Average
V
CC supply current:
-50 version
-60 version
(RAS, CAS, address cycling,
t
RC = tRC min.)
I
CC1
1800
1530
mA
mA
2) 3) 4)
Standby
V
CC supply current
(RAS = CAS =2.4V,
one address change within 15,6
µs trc)
I
CC2
–50
mA


Similar Part No. - HYM72V1620GS-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1625GS-50 SIEMENS-HYM72V1625GS-50 Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM72V1625GS-60 SIEMENS-HYM72V1625GS-60 Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM72V1620GS-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
   16M x 72-Bit Dynamic RAM Module
logo
Fujitsu Component Limit...
MB8516SR72CA-102 FUJITSU-MB8516SR72CA-102 Datasheet
1Mb / 20P
   16M X 72 BIT SYNCHRONOUS DYNAMIC RAM DIMM
logo
Siemens Semiconductor G...
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYB3164400AJ SIEMENS-HYB3164400AJ Datasheet
246Kb / 26P
   16M x 4-Bit Dynamic RAM
HYB3164405BJ SIEMENS-HYB3164405BJ Datasheet
303Kb / 29P
   16M x 4-Bit Dynamic RAM
HYB3164405J SIEMENS-HYB3164405J Datasheet
473Kb / 32P
   16M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com