Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE6066M2-UR Datasheet(PDF) 4 Page - Marktech Corporate

Part # MTE6066M2-UR
Description  Peak Sensitivity Wavelength: 660nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE6066M2-UR Datasheet(HTML) 4 Page - Marktech Corporate

  MTE6066M2-UR Datasheet HTML 1Page - Marktech Corporate MTE6066M2-UR Datasheet HTML 2Page - Marktech Corporate MTE6066M2-UR Datasheet HTML 3Page - Marktech Corporate MTE6066M2-UR Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
Visible Emitter
Product No:
MTE6066M2-UR
4
The information contained herein is subject to change without notice.
2011-10-27


Similar Part No. - MTE6066M2-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE6066M2 MARKTECH-MTE6066M2 Datasheet
640Kb / 4P
   Visible Emitter
MTE6066M2 MARKTECH-MTE6066M2_15 Datasheet
640Kb / 4P
   Visible Emitter
More results

Similar Description - MTE6066M2-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5066W_UR MARKTECH-MTE5066W_UR Datasheet
649Kb / 4P
   Peak Sensitivity Wavelength: 660nm
MTE5066WS_UR MARKTECH-MTE5066WS_UR Datasheet
611Kb / 3P
   Peak Sensitivity Wavelength: 660nm
MTE5066WSC_UR MARKTECH-MTE5066WSC_UR Datasheet
613Kb / 3P
   Peak Sensitivity Wavelength: 660nm
MTE5066N5J_UR MARKTECH-MTE5066N5J_UR Datasheet
655Kb / 4P
   Peak Emission Wavelength: 660nm
MTE6066N5_UR MARKTECH-MTE6066N5_UR Datasheet
652Kb / 4P
   Peak Emission Wavelength: 660nm
MT900A_UR2 MARKTECH-MT900A_UR2_11 Datasheet
642Kb / 4P
   Peak Emission Wavelength: 660nm
MTE5066S1J-UR MARKTECH-MTE5066S1J-UR Datasheet
652Kb / 4P
   Peak Emission Wavelength: 660nm
MTRS6660D MARKTECH-MTRS6660D Datasheet
633Kb / 3P
   Peak Emission Wavelength: 660nm
MTRS6660 MARKTECH-MTRS6660_11 Datasheet
646Kb / 3P
   Peak Emission Wavelength: 660nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com