Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHKKMN3 Datasheet(PDF) 2 Page - Marktech Corporate

Part # CCCCC-DXA-XHHKKMN3
Description  Cree짰 5-mm Blue and Green Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHKKMN3 Datasheet(HTML) 2 Page - Marktech Corporate

  CCCCC-DXA-XHHKKMN3 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Blue/Green
Forward Current
I
F
25
mA
Peak Forward Current Note1
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note:
1.Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Blue/Green
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wave-
length
Blue
λ
D
I
F = 20 mA
nm
465
470
480
Green
λ
D
I
F = 20 mA
nm
520
527
535
Luminous Intensity
Blue
C503B-BAS/BAN (15 degree)
I
V
I
F = 20 mA
mcd
5860
11000
C503B-BCS/BCN (30 degree)
I
V
I
F = 20 mA
mcd
2130
4100
Green
C503B-GAS/GAN (15 degree)
I
V
I
F = 20 mA
mcd
16800
34000
C503B-GCS/GCN (30 degree)
I
V
I
F = 20 mA
mcd
5860
12500
50% Power Angle
C503B-BAS/BAN/GAS/GAN
2θ½
I
F = 20 mA
deg
15
C503B-BCS/BCN/GCS/GCN
2θ½
I
F = 20 mA
deg
30


Similar Part No. - CCCCC-DXA-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com