Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE5066CJ-UR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE5066CJ-UR
Description  Peak Emission Wavelength: 660nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE5066CJ-UR Datasheet(HTML) 1 Page - Marktech Corporate

  MTE5066CJ-UR Datasheet HTML 1Page - Marktech Corporate MTE5066CJ-UR Datasheet HTML 2Page - Marktech Corporate MTE5066CJ-UR Datasheet HTML 3Page - Marktech Corporate MTE5066CJ-UR Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
50
mA
Forward Current (Pulse)*1
IFP
0.5
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
110
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec; *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 660nm
The MTE5066CJ-UR is a red T 1, 3mm water clear LED designed for applications requiring high power output
and high reliability in a narrow angle package. It can be custom sorted for specific power output ranges.
FEATURES
> High Reliability
> High Power Output
> Compact
APPLICATIONS
> Optical Sensing
> Optical Instruments
> Linear & Rotary Encoder
> Machine Vision / CCD
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
5.0
7.0
--
mW
Forward Voltage
VF
IF=20mA
--
1.8
2.2
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
660
--
nm
Spectral Line Half Width
λ
IF=20mA
--
25
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±18
--
deg
Rise Time
Tr
IFP=20mA
--
30
--
nS
Fall Time
Tf
IFP=20mA
--
30
--
nS
Junction Capacitance
Cj
1MHz, V=0V
--
20
--
pF
Temperature Coefficient of PO
P/T
IF=10mA
--
-0.5
--
%/ºC
Temperature Coefficient of VF
V/T
IF=10mA
--
-1.5
--
mV/ºC
Visible Red LED
Product No:
MTE5066CJ-UR
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2012-04-20


Similar Part No. - MTE5066CJ-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5066CJ MARKTECH-MTE5066CJ Datasheet
554Kb / 4P
   Visible Red Emitter
MTE5066CJ MARKTECH-MTE5066CJ Datasheet
554Kb / 4P
   Visible Red Emitter
MTE5066CJ MARKTECH-MTE5066CJ_15 Datasheet
554Kb / 4P
   Visible Red Emitter
More results

Similar Description - MTE5066CJ-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5066N5J_UR MARKTECH-MTE5066N5J_UR Datasheet
655Kb / 4P
   Peak Emission Wavelength: 660nm
MTE6066N5_UR MARKTECH-MTE6066N5_UR Datasheet
652Kb / 4P
   Peak Emission Wavelength: 660nm
MT900A_UR2 MARKTECH-MT900A_UR2_11 Datasheet
642Kb / 4P
   Peak Emission Wavelength: 660nm
MTE5066S1J-UR MARKTECH-MTE5066S1J-UR Datasheet
652Kb / 4P
   Peak Emission Wavelength: 660nm
MTRS6660D MARKTECH-MTRS6660D Datasheet
633Kb / 3P
   Peak Emission Wavelength: 660nm
MTRS6660 MARKTECH-MTRS6660_11 Datasheet
646Kb / 3P
   Peak Emission Wavelength: 660nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE6066S1-UR MARKTECH-MTE6066S1-UR Datasheet
650Kb / 4P
   Peak Emission Wavelength: 660nm
MTE5066C_UR MARKTECH-MTE5066C_UR Datasheet
558Kb / 4P
   Peak Emission Wavelength: 660nm
MTE5066M3A_UR MARKTECH-MTE5066M3A_UR Datasheet
671Kb / 4P
   Peak Emission Wavelength: 660nm
MTE5066N_UR MARKTECH-MTE5066N_UR Datasheet
596Kb / 4P
   Peak Emission Wavelength: 660nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com