1 / 4 page
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
30
mA
Forward Current (Pulse)*1
IFP
0.3
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
80
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec. *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 574nm
The 574nm visible emitter series is designed for applications requiring high output and precise optical /
mechanical axis alignment. Custom package solutions and sorting are available.
FEATURES
> Ceramic Package
> High Output Power
> Compact
> Wide Viewing Angle
APPLICATIONS
> Display
> Indicators
> Light Source for Sensor
> Optical Switches
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
0.25
0.5
--
mW
Forward Voltage
VF
IF=20mA
--
2.3
2.7
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
574
--
nm
Spectral Line Half Width
∆
λ
IF=20mA
--
11
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±80
--
deg
Rise Time
Tr
IFP=20mA
--
--
--
nS
Fall TIme
Tf
IFP=20mA
--
--
--
nS
Junction Capacitance
Cj
1MHz, V=0V
--
20
--
pF
Temperature Coefficient of PO
P/T
IF=10mA
--
-0.6
--
%/ºC
Temperature Coefficient of VF
V/T
IF=10mA
--
-2.4
--
mV/ºC
Visible Emitter
Product No:
MTE5057M3A-UYG
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com
1
2011-09-11