Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM72V8005GU-50 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYM72V8005GU-50
Description  3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM72V8005GU-50 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYM72V8005GU-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM72V8005GU-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HYM 64(72)V8005/45GU-50/-60
8M x 64/72 DRAM Module
Semiconductor Group
2
The HYM64(72)V2005/45GU-50/-60 are industry standard 168-pin 8-byte Dual In-Line Memory
Modules (DIMMs) which are organized as 8M x 64 and 8M x 72 high speed memory arrays
designed with EDO DRAMs for non-parity and ECC applications. 4k refresh with 12 / 11 addressing
and 8k refresh modules with 13 / 10 addressing are available.The DIMMs use eight 8M x 8 EDO
DRAMs for the 8M x 64 organisation and nine 8M x 8 DRAMs for the 8M x 72 organisation, both in
TSOPII packages. Decoupling capacitors are mounted on the PC board.
The DIMMs use optional serial presence detects implemented via a serial E 2PROM using the two
pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128
bytes of serial PD data are available to the customer.
All 168-pin DIMMs provide a high performance, flexible 8-byte interface in a 133,35 mm long space-
saving footprint.
Ordering Information
Type
Ordering
Code
Package
Descriptions
4k-Refresh:
HYM 64V8005GU-50
Q67100-Q2188
L-DIM-168-13
8M x 64 DRAM module (access time 50 ns)
HYM 64V8005GU-60
Q67100-Q2189
L-DIM-168-13
8M x 64 DRAM module (access time 60 ns)
HYM 72V8005GU-50
L-DIM-168-13
8M x 72 DRAM module (access time 50 ns)
HYM 72V8005GU-60
L-DIM-168-13
8M x 72 DRAM module (access time 60 ns)
8k-Refresh:
HYM 64V8045GU-50
L-DIM-168-13
8M x 64 DRAM module (access time 50 ns)
HYM 64V8045GU-60
L-DIM-168-13
8M x 64 DRAM module (access time 60 ns)
HYM 72V8045GU-50
L-DIM-168-13
8M x 72 DRAM module (access time 50 ns)
HYM 72V8045GU-60
L-DIM-168-13
8M x 72 DRAM module (access time 60 ns)


Similar Part No. - HYM72V8005GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8000GS-50 SIEMENS-HYM72V8000GS-50 Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-60 SIEMENS-HYM72V8000GS-60 Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
More results

Similar Description - HYM72V8005GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com