Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXG-XHHKKMNT Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXG-XHHKKMNT
Description  Cree짰 5-mm Blue and Green Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXG-XHHKKMNT Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXG-XHHKKMNT Datasheet HTML 1Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 2Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 3Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 4Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 5Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 6Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 7Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 8Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Blue and Green Round LED
C503B-BAS/BAN/GAS/GAN (15 degrees)
C503B-BCS/BCN/GCS/GCN (30 degrees)
Data Sheet
• FEATURES
• Size (mm): 5
• Color and Typical Dominant Wavelength (nm):
»
Blue (470)
»
Green (527)
• Luminous Intensity (mcd)
»
C503B-BAS/BAN (5860-32900)
»
C503B-BCS/BCN (2130-12000)
»
C503B-GAS/GAN (16800-90500)
»
C503B-GCS/GCN (5860-32900)
• Viewing Angle:
»
C503B-BAS/BAN/GAS/GAN: 15 degrees
»
C503B-BCS/BCN/GBS/GBN: 30 degrees
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Motorway Signs
• Variable-Message Sign (VMS)
• Advertising Signs
• Petrol Signs
• Amusement
Round LEDs offer superior light output for excellent readability in sunlight and
dependable performance. They provide extremely stable light output over long
periods of time.
These lamps are made with an advanced optical-grade epoxy offering superior high-
temperature and high-moisture-resistance performance in outdoor signal and sign
applications.


Similar Part No. - CCCCC-DXG-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXG-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com