Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C503B-ACN-CX0Y0341 Datasheet(PDF) 7 Page - Marktech Corporate

Part # C503B-ACN-CX0Y0341
Description  Cree짰 5-mm Red and Amber Round LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-ACN-CX0Y0341 Datasheet(HTML) 7 Page - Marktech Corporate

Back Button C503B-ACN-CX0Y0341 Datasheet HTML 3Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 4Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 5Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 6Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 7Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 8Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 9Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 10Page - Marktech Corporate C503B-ACN-CX0Y0341 Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
C503B-ACS-CW0Y0251
30
3000
8200
A2
584
A5
596
Bulk
Yes
Amber
C503B-ACS-CW0X0341
30
3000
5860
A3
587
A4
593
Bulk
Yes
Amber
C503B-ACS-CX0Y0341
30
4180
8200
A3
587
A4
593
Bulk
Yes
Amber
C503B-ACN-CW0Y0251
30
3000
8200
A2
584
A5
596
Bulk
No
Amber
C503B-ACN-CW0X0341
30
3000
5860
A3
587
A4
593
Bulk
No
Amber
C503B-ACN-CX0Y0341
30
4180
8200
A3
587
A4
593
Bulk
No
Amber
C503B-ACS-CW0Y0252
30
3000
8200
A2
584
A5
596
Ammo
Yes
Amber
C503B-ACS-CW0X0342
30
3000
5860
A3
587
A4
593
Ammo
Yes
Amber
C503B-ACS-CX0Y0342
30
4180
8200
A3
587
A4
593
Ammo
Yes
Amber
C503B-ACN-CW0Y0252
30
3000
8200
A2
584
A5
596
Ammo
No
Amber
C503B-ACN-CW0X0342
30
3000
5860
A3
587
A4
593
Ammo
No
Amber
C503B-ACN-CX0Y0342
30
4180
8200
A3
587
A4
593
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin codes and single color-
bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Pleaserefertothe“CreeLEDLampSoldering&Handling”documentforinformationabouthowtousethisLED
product safely.
Amber (30 degree)


Similar Part No. - C503B-ACN-CX0Y0341

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-ACN-CY0Z0251-030 CREE-C503B-ACN-CY0Z0251-030 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C503B-ACN-CY0Z0252-030 CREE-C503B-ACN-CY0Z0252-030 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C503B-ACN-CY0Z0341-030 CREE-C503B-ACN-CY0Z0341-030 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C503B-ACN-CY0Z0342-030 CREE-C503B-ACN-CY0Z0342-030 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
More results

Similar Description - C503B-ACN-CX0Y0341

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Marktech Corporate
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com