Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q651 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67100-Q651
Description  1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q651 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67100-Q651 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q651 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
592
The HYM 361120/40S/GS-60/-70 is a 4 MByte DRAM module organized as 1 048 576 words by
36-bit in a 72-pin single-in-line package comprising four HYB 511000BJ 1M
× 1 DRAMs and eight
HYB 514400BJ 1M
× 4 DRAMs in 300 mil wide SOJ-packages mounted together with twelve
0.2
µF ceramic decoupling capacitors on a PC board.
The HYM 361120/40S/GS-60/-70 can also be used as a 2 097 152 words by 18-bits dynamic RAM
module by means of connecting DQ0 and DQ18, DQ1 and DQ19, DQ2 and DQ20, …, DQ17 and
DQ35, respectively.
Each HYB 511000BJ and HYB 514400BJ is described in the data sheet and is fully electrically
tested and processed according to Siemens standard quality procedure prior to module assembly.
After assembly onto the board, a further set of electrical tests is performed.
The speed of the module can be detected by the use of four presence detect pins.
The common I/O feature on the HYM 361120/40S/GS-60/-70 dictates the use of early write cycles.
Pin Definitions and Functions
Presence Detect Pins
Pin No.
Function
A0-A9
Address Inputs
DQ0-DQ35
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0, RAS2
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-60
-70
PD0
V
SS
V
SS
PD1
V
SS
V
SS
PD2
N.C.
V
SS
PD3
N.C.
N.C.
HYM 361120/40S/GS-60/-70
1M
× 36-Bit


Similar Part No. - Q67100-Q651

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q607 SIEMENS-Q67100-Q607 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Q67100-Q608 SIEMENS-Q67100-Q608 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
More results

Similar Description - Q67100-Q651

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com