Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHKKMN2 Datasheet(PDF) 4 Page - Marktech Corporate

Part # CCCCC-DXA-XHHKKMN2
Description  Cree짰 P4 LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHKKMN2 Datasheet(HTML) 4 Page - Marktech Corporate

  CCCCC-DXA-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing
Angle
Luminous Flux (mlm)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CP41B-RDS-CL0P0EE4
40
4400
11000
RE
620
RE
637
Red
CP41B-RDS-CM0P0EE4
40
5500
11000
RE
620
RE
637
Color
Kit Number
Viewing
Angle
Luminous Flux (mlm)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CP41B-RFS-CL0P0EE4
70
4400
11000
RE
620
RE
637
Red
CP41B-RFS-CM0P0EE4
70
5500
11000
RE
620
RE
637
Red
CP41B-RFS-CN0P0EE4
70
6600
11000
RE
620
RE
637
Color
Kit Number
Viewing
Angle
Luminous Flux (mlm)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CP41B-RHS-CL0Q0EE4
100
4400
13200
RE
620
RE
637
Red
CP41B-RHS-CM0Q0EE4
100
5500
13200
RE
620
RE
637
Red
CP41B-RHS-CN0Q0EE4
100
6600
13200
RE
620
RE
637


Similar Part No. - CCCCC-DXA-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
   Cree짰 P4 LED
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES Datasheet
651Kb / 9P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
   Cree짰 P4 LED
CP41T-RDS CREE-CP41T-RDS Datasheet
837Kb / 9P
   Cree짰 P4 LED
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
logo
Marktech Corporate
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com