Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM64V8005GU-50 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYM64V8005GU-50
Description  3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM64V8005GU-50 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYM64V8005GU-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HYM 64(72)V8005/45GU-50/-60
8M x 64/72 DRAM Module
Semiconductor Group
8
Absolute Maximum Ratings
Operating temperature range .........................................................................................
0 to + 70 °C
Storage temperature range......................................................................................
– 55 to + 125 °C
Input/output voltage ..............................................................................
–0.5 to min (Vcc+0.5, 4.6) V
Power supply voltage....................................................................................................
–0.5 to 4.6 V
Power dissipation..................................................................................................................
4.97 W
Data out current (short circuit) ................................................................................................
50 mA
Note:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3 V
Parameter
Symbol
x 64/ x72
Unit Notes
min.
max.
Input high voltage
V
IH
2.0
Vcc + 0.5 V
1)
Input low voltage
V
IL
– 0.5
0.8
V
1)
Output high voltage (LVTTL)
Output „H“level voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1)
Output low voltage (LVTTL)
Output „L“level voltage (
I
OUT = + 2 mA)
V
OL
0.4
V
1)
Output high voltage (LVCMOS)
Output „H“level voltage (
I
OUT =– 100µA)
V
OH
Vcc-0.2
V
1)
Output low voltage (LVCMOS)
Output „L“level voltage (
I
OUT =+100 µA)
V
OL
0.4
V
1)
Input leakage current
(0 V <
V
IN < Vcc, all other pins = 0 V)
I
I(L)
– 10
10
µA1)
Output leakage current
(DO is disabled, 0 V <
V
OUT < Vcc)
I
O(L)
– 10
+10
µA1)


Similar Part No. - HYM64V8005GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-50 SIEMENS-HYM64V1005GU-50 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-60 SIEMENS-HYM64V1005GU-60 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V1605GU-60 SIEMENS-HYM64V1605GU-60 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM64V8005GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com