Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD3010N Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTD3010N
Description  Peak Sensitivity Wavelength: 900nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTD3010N Datasheet(HTML) 1 Page - Marktech Corporate

  MTD3010N Datasheet HTML 1Page - Marktech Corporate MTD3010N Datasheet HTML 2Page - Marktech Corporate MTD3010N Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Reverse Voltage
VR
30
V
Power Dissipation
PD
100
mW
Operating Temperature Range
Topr
-30 ~ +100
ºC
Storage Temperature Range
Tstg
-40 ~ +125
ºC
Junction Temperature
Tj
125
ºC
Lead Soldering Temperature*1
Tls
260
ºC
*1: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Sensitivity Wavelength: 900nm
The MTD3010N is a photo diode in a TO-18 metal can domed package. It is well suited for high reliability
and high speed applications.
FEATURES
> Linearity of Ee vs IL
> Low Dark Current / Metal Can Package
> Narrow Angular Response
> High Reliability in Demanding Environments
APPLICATIONS
> Optical Switches
> Edge Sensing
> Fiber Optical Communications
> Smoke Detectors
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Open Circuit Voltage
Voc
Ee=5mW/cm2 *1
0.35
--
--
V
Light Current
IL
*1, *2
--
100
--
µA
Dark Current
ID
VR=10V
--
--
10
nA
Curve Factor
CF
Ee=5mW/cm2 *1
0.55
--
--
--
Spectral Sensitivity
λ
--
--
400~1100
--
nm
Peak Sensitivity Wavelength
λp
--
--
900
--
nm
Responsivity
Rt
VR=0V,
λ=450nm
--
0.18
--
A/W
Responsivity
Rt
VR=0V,
λ=900nm
--
0.58
--
A/W
Angular Response
Ө
--
--
±8
--
deg
Junction Capacitance
Cj
at 1MHz, V=0V
--
60
100
pF
Photo Diode
Product No:
MTD3010N
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-07-20
*1: Color Temperature=2870OK Stardard Tungsten Lamp, *2: VR=10V, Ee=5mW/cm2.


Similar Part No. - MTD3010N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3010N MARKTECH-MTD3010N Datasheet
641Kb / 3P
   Photo Diode
MTD3010N MARKTECH-MTD3010N_15 Datasheet
641Kb / 3P
   Photo Diode
More results

Similar Description - MTD3010N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3010PM MARKTECH-MTD3010PM_11 Datasheet
589Kb / 3P
   Peak Sensitivity Wavelength: 900nm
logo
STANLEY ELECTRIC CO.,LT...
TPS1195WB-TR STANLEY-TPS1195WB-TR Datasheet
528Kb / 18P
   Peak sensitivity wavelength 900nm
logo
Marktech Corporate
MT5900_IR MARKTECH-MT5900_IR Datasheet
580Kb / 2P
   Peak Emission Wavelength: 900nm
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
   Peak Sensitivity Wavelength: 850nm
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTE5057W_UYG MARKTECH-MTE5057W_UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
MTD8600NT MARKTECH-MTD8600NT Datasheet
680Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTE2056W_UYG MARKTECH-MTE2056W_UYG Datasheet
639Kb / 4P
   Peak Sensitivity Wavelength: 562nm
MTE5066W_UR MARKTECH-MTE5066W_UR Datasheet
649Kb / 4P
   Peak Sensitivity Wavelength: 660nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com