Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXN-XHHKKMN3 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXN-XHHKKMN3
Description  Cree짰 PLCC6 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXN-XHHKKMN3 Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXN-XHHKKMN3 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
These SMD LEDs are packaged in an industry-standard PLCC6 package. These
high-reliability and high-brightness LEDs are designed to work in a wide range of
environmental conditions and are ideally suited for use in illumination applications.
Their wide viewing angle makes these LEDs ideally suited for channel-letter or
general-backlighting and illumination applications. The flat-top emitting surface
makes it easy for these LEDs to mate with light pipes.
Cree® PLCC6 SMD LED
CLP6S-WKW/MKW
Data Sheet
FEATURES
Size (mm): 6.0 x 5.0
Color Temperatures (K):
»
CLP6S-WKW: Cool White: Min. (4600) / Typical (6800)
»
CLP6S-MKW: Warm White: Min. (2500) / Typical (3200)
CRI
»
Typical CRI for Cool White (4600 – 15000K) is 72
»
Typical CRI for Warm White (2500 – 4600K) is 80
Viewing Angle: 120 degrees
Luminous Intensity (mcd):
»
Cool White (3550 - 7100)
»
Warm White (2800 - 7100)
Lead-Free
RoHS-Compliant
APPLICATIONS
Light Strip
Channel Letter
Backlight


Similar Part No. - CCCCC-DXN-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXN-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com