Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXG-XHHKKMNT Datasheet(PDF) 4 Page - Marktech Corporate

Part # CCCCC-DXG-XHHKKMNT
Description  Cree짰 P4 LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXG-XHHKKMNT Datasheet(HTML) 4 Page - Marktech Corporate

  CCCCC-DXG-XHHKKMNT Datasheet HTML 1Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 2Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 3Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 4Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 5Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 6Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 7Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 8Page - Marktech Corporate CCCCC-DXG-XHHKKMNT Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CLD-CT1092.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Wa W
b
Wd
Wc
We
Wf
Wg
Wh
Wj
Wk
Wm
Wn
Wp
Wq
Ws
Wr
0 .2 300
0 .2 700
0 .3 100
0 .3 500
0 .39 00
0.190 0
0.230 0
0.270 0
0.310 0
0.350 0
0.39 00
x
Ww
Wv
Wu
Wt
CIE Chromaticity Diagram


Similar Part No. - CCCCC-DXG-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXG-XHHKKMNT MARKTECH-CCCCC-DXG-XHHKKMNT Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXG-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
   Cree짰 P4 LED
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
   Cree짰 P4 LED
CP41T-RDS CREE-CP41T-RDS Datasheet
837Kb / 9P
   Cree짰 P4 LED
logo
Marktech Corporate
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
logo
Marktech Corporate
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com