Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet(PDF) 6 Page - Marktech Corporate

Part # CCCCC-DXS-XHHJJKKLLMMNNT1
Description  Cree짰 PLCC4 3 in 1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet(HTML) 6 Page - Marktech Corporate

  CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
CLD-CT874.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
The above data are collected from statistical figures which do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.


Similar Part No. - CCCCC-DXS-XHHJJKKLLMMNNT1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXS-XHHJJKKLLMMNNT1 MARKTECH-CCCCC-DXS-XHHJJKKLLMMNNT1 Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - CCCCC-DXS-XHHJJKKLLMMNNT1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLPPA-FKB CREE-CLPPA-FKB Datasheet
789Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 RGB SMD LED
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
   Cree짰 PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com