Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHKKMN3 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXA-XHHKKMN3
Description  Cree짰 PLCC2 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHKKMN3 Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXA-XHHKKMN3 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHKKMN3 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
SMD LEDs are packaged in the industry-standard package. These LEDs
have high-reliability performance and are designed to work under a wide
range of environmental conditions. This high-reliability feature makes
them ideally suited to be used under architectural lighting application
conditions.
Their wide viewing angle makes these LEDs ideally suited for channel letter
or architectural lighting applications. The flat-top emitting surface makes
it easy for these LEDs to mate with light pipes.
FEATURES
Size (mm): 3.2 x 2.7
Color and Typical Dominant Wavelength (nm):
»
Blue (470)
»
Green (527)
Luminous Intensity (mcd)
»
CLM1B-BKW (280 - 710)
»
CLM1B-GKW (710 - 2240)
Viewing Angle: 120 degree
Lead-Free
RoHS-Compliant
APPLICATIONS
Light Strips
Architectural Lighting
Channel Letters
Cree® PLCC2 1-in-1 SMD LED
CLM1B-BKW/GKW
Data Sheet


Similar Part No. - CCCCC-DXA-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1T-RKW CREE-CLM1T-RKW Datasheet
660Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com