Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXG-XHHKKMN1 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXG-XHHKKMN1
Description  The CLN6A LED delivers superior value with common voltage, current, size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXG-XHHKKMN1 Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXG-XHHKKMN1 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXG-XHHKKMN1 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® CLN6A-WKW/MKW
Data Sheet
The CLN6A LED delivers superior value with common voltage, current, size and
optical properties. The Cree CLN6A is available in both cool and warm white to
address a variety of lighting applications, including linear, portable, landscape and
entertainment.
FEATURES
Size (mm): 5.0 x 5.0 x 1.3
Cool White (CLN6A-WKW):
»
CCT: 4600 K - 15000 K, typical 5500 K
»
CRI: 72
»
Luminous Flux: 60.5 - 101.8
Warm White (CLN6A-MKW)
»
CCT: 2500 K - 4600 K, typical 3200 K
»
CRI: 80
»
Luminous Flux: 51.0 - 101.8
Max. Current: 350 mA
Viewing Angle: 115°
RoHS-Compliant
APPLICATIONS
Linear Lighting
Channel Letter
Portable Lighting
Architectural & Landscaping Lighting
Entertainment Lighting


Similar Part No. - CCCCC-DXG-XHHKKMN1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXG-XHHKKMN1 MARKTECH-CCCCC-DXG-XHHKKMN1 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXG-XHHKKMN1 MARKTECH-CCCCC-DXG-XHHKKMN1 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXG-XHHKKMN1 MARKTECH-CCCCC-DXG-XHHKKMN1 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXG-XHHKKMN1 MARKTECH-CCCCC-DXG-XHHKKMN1 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXG-XHHKKMN1 MARKTECH-CCCCC-DXG-XHHKKMN1 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXG-XHHKKMN1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A_15 Datasheet
672Kb / 12P
   The CLN6A LED delivers superior value with common voltage, current, size
logo
Pepperl+Fuchs Inc.
KFD2-GS-1.2W PF-KFD2-GS-1.2W Datasheet
1Mb / 6P
   Current/Voltage Trip Value
logo
TEMEX
RXO7050S TEMEX-RXO7050S Datasheet
668Kb / 8P
   The RXO7050S performance clock oscillator delivers
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A Datasheet
672Kb / 12P
   CLN6A-WKW/MKW
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
TEMEX
RXO7050R TEMEX-RXO7050R Datasheet
628Kb / 7P
   The RXO7050R XO delivers high performance with low RMS phase jitter
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
TEMEX
RXO2520S TEMEX-RXO2520S Datasheet
529Kb / 7P
   The RXO2520S performance clock oscillator delivers high performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com