Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXW-XHHKKMN3 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXW-XHHKKMN3
Description  Cree짰 PLCC2 1-in-1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXW-XHHKKMN3 Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXW-XHHKKMN3 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXW-XHHKKMN3 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 3.2 x 2.7
• Color Temperatures (K):
»
Cool White: Min. (4600) / Typical (5500)
• Luminous Intensity (mcd):
»
Cool White (355-1120)
• Viewing Angle: 120 degrees
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Light Strip
• Channel Letter
SMD LEDs are packaged in the industry-standard package. These LEDs have
high-reliability performance and are designed to work under a wide range of
environmental conditions. This high-reliability feature makes them ideally suited
to be used under illumination-application conditions.
Their wide viewing angle makes these LEDs ideally suited for channel letter or
general backlighting and illumination applications. The flat-top emitting surface
makes it easy for these LEDs to mate with light pipes.
Cree® PLCC2 1-in-1 SMD LED
CLM1S-WKW
Data Sheet


Similar Part No. - CCCCC-DXW-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXW-XHHKKMN3 MARKTECH-CCCCC-DXW-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXW-XHHKKMN3 MARKTECH-CCCCC-DXW-XHHKKMN3 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXW-XHHKKMN3 MARKTECH-CCCCC-DXW-XHHKKMN3 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXW-XHHKKMN3 MARKTECH-CCCCC-DXW-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXW-XHHKKMN3 MARKTECH-CCCCC-DXW-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXW-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1T-RKW CREE-CLM1T-RKW Datasheet
660Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com