Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXW-XHHKKMN2 Datasheet(PDF) 5 Page - Marktech Corporate

Part # CCCCC-DXW-XHHKKMN2
Description  Cree짰 5-mm Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXW-XHHKKMN2 Datasheet(HTML) 5 Page - Marktech Corporate

  CCCCC-DXW-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXW-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CLD-CT1042 Rev 0
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
CIE Chromaticity Diagram
Ww
Wv
Wu
Wt
Ma
Mb
Md
Mc
0.2300
0.2300
We
Wf
Wg
Wh
Wj
Wk
Wm
Wn
Wp
Wq
Ws
Wr
M3
Me
Mf
Mh
Mg
Mj
Mk
Mn
Mm
0.2900
0.3500
0.4100
x
0.4700
0.5300
0.2900
0.3500
0.4100
0.4700
0.5300
500
0K
3500K
3000K
2700K
2500K
4000K
0.1700
0.1700
Wc
Wd
Wa
Wb


Similar Part No. - CCCCC-DXW-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXW-XHHKKMN2 MARKTECH-CCCCC-DXW-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXW-XHHKKMN2 MARKTECH-CCCCC-DXW-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXW-XHHKKMN2 MARKTECH-CCCCC-DXW-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXW-XHHKKMN2 MARKTECH-CCCCC-DXW-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXW-XHHKKMN2 MARKTECH-CCCCC-DXW-XHHKKMN2 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXW-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com