Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C566C-GFS-CW0X0892 Datasheet(PDF) 5 Page - Marktech Corporate

Part # C566C-GFS-CW0X0892
Description  Cree짰 5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-GFS-CW0X0892 Datasheet(HTML) 5 Page - Marktech Corporate

  C566C-GFS-CW0X0892 Datasheet HTML 1Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 2Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 3Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 4Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 5Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 6Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 7Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 8Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Blue
C566C-BFS-CS0W0351
770
4180
B3
460
B5
475
Bulk
Yes
Blue
C566C-BFS-CS0W0451
770
4180
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFS-CT0U0341
1100
2130
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFS-CT0U0451
1100
2130
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFS-CU0V0341
1520
3000
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFS-CU0V0451
1520
3000
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFN-CS0W0351
770
4180
B3
460
B5
475
Bulk
No
Blue
C566C-BFN-CS0W0451
770
4180
B4
465
B5
475
Bulk
No
Blue
C566C-BFN-CT0U0341
1100
2130
B3
460
B4
470
Bulk
No
Blue
C566C-BFN-CT0U0451
1100
2130
B4
465
B5
475
Bulk
No
Blue
C566C-BFN-CU0V0341
1520
3000
B3
460
B4
470
Bulk
No
Blue
C566C-BFN-CU0V0451
1520
3000
B4
465
B5
475
Bulk
No
Blue
C566C-BFS-CS0W0352
770
4180
B3
460
B5
475
Ammo
Yes
Blue
C566C-BFS-CS0W0452
770
4180
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFS-CT0U0342
1100
2130
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFS-CT0U0452
1100
2130
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFS-CU0V0342
1520
3000
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFS-CU0V0452
1520
3000
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFN-CS0W0352
770
4180
B3
460
B5
475
Ammo
No
Blue
C566C-BFN-CS0W0452
770
4180
B4
465
B5
475
Ammo
No
Blue
C566C-BFN-CT0U0342
1100
2130
B3
460
B4
470
Ammo
No
Blue
C566C-BFN-CT0U0452
1100
2130
B4
465
B5
475
Ammo
No
Blue
C566C-BFN-CU0V0342
1520
3000
B3
460
B4
470
Ammo
No
Blue
C566C-BFN-CU0V0452
1520
3000
B4
465
B5
475
Ammo
No


Similar Part No. - C566C-GFS-CW0X0892

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS-CW0X0892 CREE-C566C-GFS-CW0X0892 Datasheet
652Kb / 10P
   5mm Oval LED
More results

Similar Description - C566C-GFS-CW0X0892

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
   Cree짰 5mm Round LED
logo
Cree, Inc
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
   Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
   Cree짰 5mm Round LED
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Cree, Inc
C566C-RFS CREE-C566C-RFS Datasheet
652Kb / 10P
   5mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com