Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXB-XHHKKMN2 Datasheet(PDF) 10 Page - Marktech Corporate

Part # CCCCC-DXB-XHHKKMN2
Description  Cree짰 PLCC4 1 in 1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXB-XHHKKMN2 Datasheet(HTML) 10 Page - Marktech Corporate

Back Button CCCCC-DXB-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate CCCCC-DXB-XHHKKMN2 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CLD-CT1075.001
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
Fax:+1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreeLEDareregisteredtrademarksofCree,Inc.
Packaging
• Theboxesarenotwaterresistantandtheymustbekeptawayfromwaterandmoisture.
• TheLEDsarepackedincardboardboxesafterpackaginginnormaloranti-electrostaticbags.
• CardboardboxeswillbeusedtoprotecttheLEDsfrommechanicalshocksduringtransportation.
• ThereelpackisappliedinSMDLED.
• Max2000pcsperreel.







防潮珠。不可食


Similar Part No. - CCCCC-DXB-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXB-XHHKKMN2 MARKTECH-CCCCC-DXB-XHHKKMN2 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXB-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
   Cree짰 PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2B-REW MARKTECH-CLM2B-REW Datasheet
484Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com