Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLN6A-MKW-CJ0K0233 Datasheet(PDF) 11 Page - Marktech Corporate

Part # CLN6A-MKW-CJ0K0233
Description  The CLN6A LED delivers superior value with common voltage, current, size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLN6A-MKW-CJ0K0233 Datasheet(HTML) 11 Page - Marktech Corporate

Back Button CLN6A-MKW-CJ0K0233 Datasheet HTML 4Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 5Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 6Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 7Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 8Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 9Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 10Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 11Page - Marktech Corporate CLN6A-MKW-CJ0K0233 Datasheet HTML 12Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
CLD-CT979.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Soldering & Handling
1. Cleaning
• Don’tuseunspecifiedchemicalliquidstocleantheSMDLED;thechemicalcouldharmtheSMDLED.When
washing is necessary, please immerse the SMD LED in alcohol at normal room temperature for less than 1
minute and dry at normal room temperature for 15 minutes before use.
• TheinfluenceofultrasoniccleaningontheSMDLEDdependingonfactorssuchasultrasonicpowerandtheway
SMDLEDaremounted.Ultrasoniccleaningshallbepre-qualifiedtoensurethiswillnotcausedamagetothe
SMD LED.
2. Moisture-Proof Packing
• In order to prevent moisture absorption into SMD LED during the transportation and storage, SMD LED is
packed in a moisture barrier bag. Desiccants and a humidity indicator are packed together with SMD LED as the
secondary protection. The indication of humidity indicator card provides the information of humidity within SMD
packing.
3. Storage
• Shelflifeinoriginalsealedbagatstorageconditionof<40ºCand<90%RHis12months.Bakingisrequired
whenever shelf life is expired.
• Before openning the packaging , Please check whether bag leak air or not.
• Afterbagopening,theSMDLEDmustbestoredunderthecondition<30ºCand<60%RH.Underthiscondition,
SMDLEDmustbeused(subjecttoreflow)within168hoursafterbagopening,andre-bakingisrequiredwhen
exceeding 168 hours.
• Forbaking,placeSMDLEDinovenattemperature80ºC±5ºCandrelativehumidity<=10%RH,for24hours.
• Take out the material from packaging bag for re-bake. Do not open the door of oven frequently during the baking
process.
4. Soldering
• Manual soldering by soldering iron
• The use of a soldering iron of less than 25W is recommended and the temperature of the iron must be kept at
below 315ºC, with soldering time within 2 seconds.
• The epoxy resin of SMD LED should not be in contact with tip of soldering iron.
• No mechanical stress should be exerted on the resin portion of SMD LED during soldering.
• Handling of SMD LED should be done when the package has been cooled down to below 40ºC or less. This is to
prevent the SMD LED failures due to thermal-mechanical stress during handling.
• ReflowSoldering:Thetemperature(topsurfaceofSMDLED)profileisasbelow:
Melting-point
Pre-heat
Soak
Reflow
Cooling
Time
Heat Sink
Solder = Lead-free
Average ramp-up rate = 4ºC/s max
Peak temperature = 250ºC max.
Preheat temperature = 150ºC ~200ºC
Time within 5ºC of actual Peak Temperature = 10s max.
Preheat time = 100s max.
Duration above 217ºC is 80s max.
Ramp-down rate = 6ºC/s max.


Similar Part No. - CLN6A-MKW-CJ0K0233

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
CLN6A-WKW-CJ0L0153 CREE-CLN6A-WKW-CJ0L0153 Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
CLN6A-WKW-CJ0L0343 CREE-CLN6A-WKW-CJ0L0343 Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
CLN6A-WKW-CJ0L0453 CREE-CLN6A-WKW-CJ0L0453 Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
CLN6A-WKW-CK0L0343 CREE-CLN6A-WKW-CK0L0343 Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
More results

Similar Description - CLN6A-MKW-CJ0K0233

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A_15 Datasheet
672Kb / 12P
   The CLN6A LED delivers superior value with common voltage, current, size
logo
Pepperl+Fuchs Inc.
KFD2-GS-1.2W PF-KFD2-GS-1.2W Datasheet
1Mb / 6P
   Current/Voltage Trip Value
logo
TEMEX
RXO7050S TEMEX-RXO7050S Datasheet
668Kb / 8P
   The RXO7050S performance clock oscillator delivers
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A Datasheet
672Kb / 12P
   CLN6A-WKW/MKW
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
TEMEX
RXO7050R TEMEX-RXO7050R Datasheet
628Kb / 7P
   The RXO7050R XO delivers high performance with low RMS phase jitter
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
TEMEX
RXO2520S TEMEX-RXO2520S Datasheet
529Kb / 7P
   The RXO2520S performance clock oscillator delivers high performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com