Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLP6B-WKW-CB0E0153 Datasheet(PDF) 6 Page - Marktech Corporate

Part # CLP6B-WKW-CB0E0153
Description  Cree짰 PLCC6 3-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6B-WKW-CB0E0153 Datasheet(HTML) 6 Page - Marktech Corporate

Back Button CLP6B-WKW-CB0E0153 Datasheet HTML 2Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 3Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 4Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 5Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 6Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 7Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 8Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 9Page - Marktech Corporate CLP6B-WKW-CB0E0153 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CLD-CT1020.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Cool White
CLP6B-WKW-CB0E0153
120
7100
18000
W1,W2,W3,W4,W5
Cool White
CLP6B-WKW-CC0E0233
120
9000
18000
W2,W3
Cool White
CLP6B-WKW-CC0E0453
120
9000
18000
W4,W5
Cool White
CLP6B-WKW-CD0E0233
120
11200
18000
W2,W3
Cool White
CLP6B-WKW-CD0E0453
120
11200
18000
W4,W5
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Warm White
CLP6B-MKW-CB0D0133
120
7100
14000
M1,M2,M3
Warm White
CLP6B-MKW-CB0D0513
120
7100
14000
W5,M1
Warm White
CLP6B-MKW-CC0D0513
120
9000
14000
W5,M1
Warm White
CLP6B-MKW-CB0D0233
120
7100
14000
M2,M3
Warm White
CLP6B-MKW-CC0D0233
120
9000
14000
M2,M3
Notes:
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
codes will not be orderable.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLP6B-WKW-CB0E0153

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW-CB0E0153 CREE-CLP6B-WKW-CB0E0153 Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
More results

Similar Description - CLP6B-WKW-CB0E0153

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com