Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2367 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67100-Q2367
Description  4M x 36-Bit EDO - DRAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2367 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67100-Q2367 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2367 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Semiconductor Group
1
4M x 36-Bit EDO - DRAM Module
HYM364025S/GS-50/-60
SIMM modules with 4 194 304 words by 36-Bit organization
for PC main memory applications
Fast access and cycle time
50 ns access time
84 ns cycle time (-50 version)
60 ns access time
104 ns cycle time (-60 version)
Hyper Page Mode (EDO) capability
20 ns cycle time (-50 version)
25 ns cycle time (-60 version)
Single + 5 V (
± 10 %) supply
Low power dissipation
max. 6820 mW active (-50 version)
max. 6160 mW active (-60 version)
CMOS – 66 mW standby
TTL
–132 mW standby
CAS-before-RAS refresh
RAS-only-refresh
Hidden-refresh
Decoupling capacitors mounted on substrate
All inputs, outputs and clocks fully TTL compatible
72 pin Single in-Line Memory Module (L-SIM-72-12) with 22.9 mm (900 mil) height
Utilizes eight 4Mx4-EDO-DRAMs and four 4Mx1-EDO-DRAMs in SOJ packages
2048 refresh cycles / 32 ms
Optimized for use in byte-write parity applications
Tin-Lead contact pads (S-version)
Gold contact pads (GS - version)
4.97


Similar Part No. - Q67100-Q2367

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2330 SIEMENS-Q67100-Q2330 Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
More results

Similar Description - Q67100-Q2367

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com