Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2B-REW-CYaZ0AA3 Datasheet(PDF) 4 Page - Marktech Corporate

Part # CLM2B-REW-CYaZ0AA3
Description  Cree짰 PLCC4 1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM2B-REW-CYaZ0AA3 Datasheet(HTML) 4 Page - Marktech Corporate

  CLM2B-REW-CYaZ0AA3 Datasheet HTML 1Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 2Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 3Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 4Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 5Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 6Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 7Page - Marktech Corporate CLM2B-REW-CYaZ0AA3 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CLD-CT1086.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CLM2B-REW-CXbZ0AA3
60
2240
5600
RA
618
RA
630
Red
CLM2B-REW-CYaZ0AA3
60
2800
5600
RA
618
RA
630
Red
CLM2B-REW-CYbZ0AA3
60
3550
5600
RA
618
RA
630
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
CLM2B-AEW-CYbB0263
60
3550
9000
A2
584
A6
599
Amber
CLM2B-AEW-CZ0B0353
60
4500
9000
A3
587
A5
596
Notes:
1. The above Kit Numbers represent order codes which include multiple intensity bin and color bin codes.
Only one intensity bin code and one color bin code will be shipped on each reel.
Single intensity bin code and single color bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
Important Bins Notes:
• Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” document.
• Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
• Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLM2B-REW-CYaZ0AA3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2B-REW-CYaZ0AA3 CREE-CLM2B-REW-CYaZ0AA3 Datasheet
484Kb / 8P
   1 in 1 SMD LED
More results

Similar Description - CLM2B-REW-CYaZ0AA3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
   Cree짰 PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLA1A-WKW MARKTECH-CLA1A-WKW Datasheet
542Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com