Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXS-XHHKKMN1 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXS-XHHKKMN1
Description  Cree짰 Screen Master짰 5-mm Oval LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXS-XHHKKMN1 Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXS-XHHKKMN1 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXS-XHHKKMN1 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 5
• Color and Typical Dominant Wavelength (nm):
Amber (591)
• Luminous Intensity (mcd)
Amber (770 - 3000)
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full-Color Video Screen
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs
Cree® Screen Master® 5-mm Oval LED
C5SMF-AJS
Data Sheet
This oval LED is specifically designed for variable-message signs and passenger-
information signs. The oval-shaped radiation pattern and high luminous intensity
ensure that these devices are excellent for wide-field-of-view outdoor applications
where a wide viewing angle and readability in sunlight are essential.
These lamps are made with an advanced optical-grade epoxy that offers superior
high-temperature and high-moisture-resistance performance in outdoor signal
and sign applications. The encapsulation resin contains anti-UV material in order
to reduce the effects of long-term exposure to direct sunlight.


Similar Part No. - CCCCC-DXS-XHHKKMN1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXS-XHHKKMN1 MARKTECH-CCCCC-DXS-XHHKKMN1 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXS-XHHKKMN1 MARKTECH-CCCCC-DXS-XHHKKMN1 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXS-XHHKKMN1 MARKTECH-CCCCC-DXS-XHHKKMN1 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXS-XHHKKMN1 MARKTECH-CCCCC-DXS-XHHKKMN1 Datasheet
521Kb / 10P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXS-XHHKKMN1 MARKTECH-CCCCC-DXS-XHHKKMN1 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXS-XHHKKMN1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C5SMF-RJS MARKTECH-C5SMF-RJS Datasheet
521Kb / 10P
   Cree짰 Screen Master짰 5-mm Oval LED
logo
Cree, Inc
C5SMT-BJS CREE-C5SMT-BJS Datasheet
798Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
C5SMB-RJS CREE-C5SMB-RJS Datasheet
737Kb / 9P
   Cree짰 Screen Master짰 5-mm Oval LED
C5SMB-AJS CREE-C5SMB-AJS Datasheet
796Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
C5SMS-GJS CREE-C5SMS-GJS Datasheet
798Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
C4SMA-RGY CREE-C4SMA-RGY Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-RGY CREE-C4SMB-RGY Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY CREE-S4SMS-RJY Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
logo
Marktech Corporate
C4SMK-RJS MARKTECH-C4SMK-RJS Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
logo
Cree, Inc
C4SMB-AGY CREE-C4SMB-AGY Datasheet
699Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com