Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C513A-MSS-CW0Y0231 Datasheet(PDF) 10 Page - Marktech Corporate

Part # C513A-MSS-CW0Y0231
Description  Cree짰 5-mm Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C513A-MSS-CW0Y0231 Datasheet(HTML) 10 Page - Marktech Corporate

Back Button C513A-MSS-CW0Y0231 Datasheet HTML 2Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 3Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 4Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 5Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 6Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 7Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 8Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 9Page - Marktech Corporate C513A-MSS-CW0Y0231 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CLD-CT1042 Rev 0
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R
Package
Features:
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
The boxes are not water-resistant, and they must be kept away from water and moisture.
The Bulk Pack types of packaging.
Max 500 pcs per bag.


Similar Part No. - C513A-MSS-CW0Y0231

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C513A-2RM SIEMENS-C513A-2RM Datasheet
692Kb / 43P
   8-Bit CMOS Microcontroller
C513A-2RN SIEMENS-C513A-2RN Datasheet
692Kb / 43P
   8-Bit CMOS Microcontroller
C513A-H SIEMENS-C513A-H Datasheet
1Mb / 128P
   8-Bit CMOS Microcontroller
C513A-HN SIEMENS-C513A-HN Datasheet
692Kb / 43P
   8-Bit CMOS Microcontroller
C513A-LM SIEMENS-C513A-LM Datasheet
692Kb / 43P
   8-Bit CMOS Microcontroller
More results

Similar Description - C513A-MSS-CW0Y0231

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com