Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTPS1065WC_1106 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTPS1065WC_1106
Description  Peak Emission Wavelength: 650nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS1065WC_1106 Datasheet(HTML) 1 Page - Marktech Corporate

  MTPS1065WC_1106 Datasheet HTML 1Page - Marktech Corporate MTPS1065WC_1106 Datasheet HTML 2Page - Marktech Corporate MTPS1065WC_1106 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
15
mA
Forward Current (Pulse)*1
IFP
80
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
30
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec; *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 650nm
The 650nm Point Source Series is designed for applications requiring high accurary and precision. Custom
package solutions and sorting are available.
FEATURES
> Hermetically Sealed TO-18
> Emitting Window Diameter Ф 25μm
> Gold Plated Flat Top Can
> High Reliability / High Output Power
APPLICATIONS
> Optical Sensing
> Linear & Rotary Encoder
> Machine Vision / CCD
> Optical Instruments
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=5mA
--
70
--
µW
Forward Voltage
VF
IF=5mA
--
2.4
2.8
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=5mA
--
650
--
nm
Spectral Line Half Width
λ
IF=5mA
--
20
--
nm
Half Intensity Beam Angle
Ө
IF=5mA
--
±45
--
deg
Visible Red Point Source Emitter
Product No:
MTPS1065WC
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-06-01


Similar Part No. - MTPS1065WC_1106

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS1065WC MARKTECH-MTPS1065WC_15 Datasheet
530Kb / 3P
   Visible Red Point Source Emitter
More results

Similar Description - MTPS1065WC_1106

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS9067P MARKTECH-MTPS9067P_11 Datasheet
552Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS1065PT_1106 MARKTECH-MTPS1065PT_1106 Datasheet
502Kb / 3P
   Peak Emission Wavelength: 650nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS8065WC_1105 MARKTECH-MTPS8065WC_1105 Datasheet
531Kb / 3P
   Peak Emission Wavelength: 650nm
MTPS9067MC MARKTECH-MTPS9067MC Datasheet
888Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS9067MT MARKTECH-MTPS9067MT Datasheet
676Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS9067WC MARKTECH-MTPS9067WC_11 Datasheet
1Mb / 4P
   Peak Emission Wavelength: 650nm
MTPS9067NJ1 MARKTECH-MTPS9067NJ1 Datasheet
584Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS7065MC MARKTECH-MTPS7065MC Datasheet
626Kb / 3P
   Peak Emission Wavelength: 650nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com