Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTPS8085FT Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTPS8085FT
Description  Peak Emission Wavelength: 855nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS8085FT Datasheet(HTML) 2 Page - Marktech Corporate

  MTPS8085FT Datasheet HTML 1Page - Marktech Corporate MTPS8085FT Datasheet HTML 2Page - Marktech Corporate MTPS8085FT Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit: mm, Tolerance: ±0.2
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
Infrared Point Source Emitter
Product No:
MTPS8085FT
2
2011-05-23


Similar Part No. - MTPS8085FT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8085FT MARKTECH-MTPS8085FT Datasheet
97Kb / 1P
   Point Source LED
MTPS8085FT MARKTECH-MTPS8085FT Datasheet
677Kb / 3P
   Infrared Point Source LED
MTPS8085FT MARKTECH-MTPS8085FT Datasheet
679Kb / 3P
   Infrared Point Source Emitter
MTPS8085FT MARKTECH-MTPS8085FT_11 Datasheet
677Kb / 3P
   Infrared Point Source LED
MTPS8085FT MARKTECH-MTPS8085FT_15 Datasheet
679Kb / 3P
   Infrared Point Source Emitter
More results

Similar Description - MTPS8085FT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8085M1_1105 MARKTECH-MTPS8085M1_1105 Datasheet
877Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8085CP_1105 MARKTECH-MTPS8085CP_1105 Datasheet
923Kb / 4P
   Peak Emission Wavelength: 855nm
MTPS3085WS_1105 MARKTECH-MTPS3085WS_1105 Datasheet
810Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8085W_1105 MARKTECH-MTPS8085W_1105 Datasheet
758Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS3085WC1_1105 MARKTECH-MTPS3085WC1_1105 Datasheet
753Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8085MT_1105 MARKTECH-MTPS8085MT_1105 Datasheet
942Kb / 4P
   Peak Emission Wavelength: 855nm
MTPS3085MT_1105 MARKTECH-MTPS3085MT_1105 Datasheet
944Kb / 4P
   Peak Emission Wavelength: 855nm
MTPS8085PT_1105 MARKTECH-MTPS8085PT_1105 Datasheet
683Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS3085MC_1105 MARKTECH-MTPS3085MC_1105 Datasheet
904Kb / 4P
   Peak Emission Wavelength: 855nm
MTPS8085NJ1_1105 MARKTECH-MTPS8085NJ1_1105 Datasheet
774Kb / 3P
   Peak Emission Wavelength: 855nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com