Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTRS9520 Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTRS9520
Description  Peak Emission Wavelength: 950nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTRS9520 Datasheet(HTML) 2 Page - Marktech Corporate

  MTRS9520 Datasheet HTML 1Page - Marktech Corporate MTRS9520 Datasheet HTML 2Page - Marktech Corporate MTRS9520 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit: mm, Tolerance: ±0.2
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
Infrared Light Photo Reflector
Product No:
MTRS9520
2
2011-08-11


Similar Part No. - MTRS9520

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS9520 MARKTECH-MTRS9520 Datasheet
74Kb / 2P
   Photo Relector
MTRS9520 MARKTECH-MTRS9520 Datasheet
609Kb / 3P
   Infrared Light Photo Reflector
MTRS9520D MARKTECH-MTRS9520D Datasheet
605Kb / 3P
   Peak Emission Wavelength: 950nm
MTRS9520D MARKTECH-MTRS9520D Datasheet
605Kb / 3P
   Infrared Light Photo Reflector
MTRS9520D MARKTECH-MTRS9520D_15 Datasheet
605Kb / 3P
   Infrared Light Photo Reflector
More results

Similar Description - MTRS9520

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS9520D MARKTECH-MTRS9520D Datasheet
605Kb / 3P
   Peak Emission Wavelength: 950nm
MTE9460MT MARKTECH-MTE9460MT Datasheet
741Kb / 4P
   Peak Emission Wavelength: 950nm
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   Peak Emission Wavelength: 950nm
MTE9460N2 MARKTECH-MTE9460N2 Datasheet
545Kb / 3P
   Peak Emission Wavelength: 950nm
MTE9460MC MARKTECH-MTE9460MC Datasheet
780Kb / 4P
   Peak Emission Wavelength: 950nm
MTE9460N1 MARKTECH-MTE9460N1 Datasheet
537Kb / 3P
   Peak Emission Wavelength: 950nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com