Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYM364020S Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYM364020S
Description  4M x 36-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM364020S Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYM364020S Datasheet HTML 2Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 3Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 4Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 5Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 6Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 7Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 8Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 9Page - Siemens Semiconductor Group HYM364020S Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Semiconductor Group
9
HYM 364020S/GS-60
4M
× 36-Bit
Notes:
1) All voltages are referenced to VSS.
2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open.
4) Address can be changed once or less while RAS = VIL. In the case of ICC4 it can be changed once or less
during a fast page mode cycle (tPC).
5) An initial pause of 200 µs is required after power-up followed by 8 RAS cycles of which at least one cycle has
to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a
minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
6) AC measurements assume tT = 5 ns.
7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between VIH and VIL.
8) Measured with a load equivalent to 2 TTL loads and 100 pF.
9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a
reference point only: If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by
tCAC.
10)Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a
reference point only: If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by
tAA.
11)Either tRCH or tRRH must be satisfied for a read cycle.
12)tOFF (max.) define the time at which the outputs achieve the open-circuit condition and are not referenced to
output voltage levels
.
13)tWCS is not a restrictive operating parameter. This is included in the data sheet as electrical characteristics
only. If tWCS > tWCS (min.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high
impedance) through the entire cycle.
14)These parameters are referenced to the CAS leading edge.


Similar Part No. - HYM364020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364025GS-50 SIEMENS-HYM364025GS-50 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025GS-60 SIEMENS-HYM364025GS-60 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025S-50 SIEMENS-HYM364025S-50 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025S-60 SIEMENS-HYM364025S-60 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results

Similar Description - HYM364020S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com